Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF016 Datasheet(PDF) 26 Page - Silicon Storage Technology, Inc

Part # SST48CF016
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF016 Datasheet(HTML) 26 Page - Silicon Storage Technology, Inc

Back Button SST48CF016 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 30Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
26
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.4.4 Pin Replacement Register (Address 204H in Attribute Memory)
CRdy/-Bsy
This bit is set to one (1) when the bit RRdy/-Bsy changes state. This bit can also be
written by the host.
CWProt
This bit is set to one (1) when the RWprot changes state. This bit may also be written by
the host.
Rdy/-Bsy
This bit is used to determine the internal state of the Rdy/-Bsy signal. This bit may be
used to determine the state of the Ready/-Busy as this pin has been reallocated for use
as Interrupt Request on an I/O card. When written, this bit acts as a mask for writing the
corresponding bit CRdy/-Bsy.
MRdy/-Bsy
This bit acts as a mask for writing the corresponding bit CRdy/-Bsy.
X
This bit is ignored by the CompactFlash card.
2.4.5 Socket and Copy Register (Address 206H in Attribute Memory)
This register contains additional configuration information. This register is always written by the system before writ-
ing the card’s Configuration Index Register.
Reserved
This bit is reserved for future standardization. This bit must be set to zero (0) by the
software when the register is written.
Drive #
This bit indicates the drive number of the card for twin card configuration. Twin card
configuration is currently not supported.
X
The socket number is ignored by the CompactFlash card.
Operation
D7D6
D5D4D3D2
D1D0
Read
0
0
CRdy/-Bsy
CWProt
1
1
Rdy/-Bsy
0
Write
0
0
CRdy/-Bsy
CWProt
0
0
MRdy/-Bsy
X
TABLE
2-15: PIN REPLACEMENT CHANGED BIT/MASK BIT VALUES
Initial Value of (C) Status
Written by Host
Final “C” Bit
Comments
“C” Bit
“M” Bit
0
X
0
0
Unchanged
1
X
0
1
Unchanged
X
0
1
0
Cleared by Host
X
1
1
1
Set by Host
T2-15.0 375
SOCKET AND COPY REGISTER ORGANIZATION:
Operation
D7D6
D5D4D3D2
D1D0
Read
0
0
CRdy/-Bsy
CWProt
1
1
Rdy/-Bsy
0
Write
0
0
CRdy/-Bsy
CWProt
0
0
MRdy/-Bsy
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com