Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF016 Datasheet(PDF) 30 Page - Silicon Storage Technology, Inc

Part # SST48CF016
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF016 Datasheet(HTML) 30 Page - Silicon Storage Technology, Inc

Back Button SST48CF016 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 34Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
30
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.0 SOFTWARE INTERFACE
3.1 CF-ATA Drive Register Set Definition and Protocol
The CompactFlash card can be configured as a high performance I/O device through:
1. Standard PC-AT disk I/O address spaces 1F0H-1F7H, 3F6H-3F7H (primary);
170H-177H, 376H-377H (secondary) with IRQ 14 (or other available IRQ).
2. Any system decoded 16 Byte I/O block using any available IRQ.
3. Memory space.
The communication to or from the CompactFlash card is done using the Task File registers which provide all the
necessary registers for control and status information. The PCMCIA interface connects peripherals to the host
using four register mapping methods. The following is a detailed description of these methods:
3.1.1 I/O Primary and Secondary Address Configurations
Note: Address lines which are not indicated are ignored by the CompactFlash card for accessing all the registers in this table.
TABLE
3-1: I/O CONFIGURATIONS
Standard Configurations
Config Index
I/O or Memory
Address
Description
0
Memory
0H-FH, 400H-7FFH
Memory Mapped
1
I/O
XX0H-XXFH
I/O Mapped 16 Contiguous Registers
2
I/O
1F0H-1F7H, 3F6H-3F7H
Primary I/O Mapped
3
I/O
170H-177H, 376H-377H
Secondary I/O Mapped
T3-1.0 375
TABLE
3-2: PRIMARY AND SECONDARY I/O DECODING
-REG
A9-A4
A3
A2
A1
A0
-IORD=0
-IOWR=0
Note
0
1F(17)
H
0
0
0
0
Even RD Data
Even WR Data
1,2
1. Register 0 is accessed with -CE1 low and -CE2 low (and A0 = Don’t Care) as a word register on the combined Odd Data Bus and
Even Data Bus (D15-D0). This register may also be accessed by a pair of byte accesses to the offset 0 with -CE1 low and -CE2 high.
Note that the address space of this word register overlaps the address space of the Error and Feature byte-wide registers which lie at
offset 1. When accessed twice as byte register with -CE1 low, the first byte to be accessed is the Even Byte of the word and the sec-
ond byte accessed is the Odd Byte of the equivalent word access.
2. A byte access to register 0 with -CE1 high and -CE2 low accesses the error (read) or feature (write) register.
0
1F(17)H
0
0
0
1
Error Register
Features
1,2
0
1F(17)H
0
0
1
0
Sector Count
Sector Count
0
1F(17)H
0
0
1
1
Sector No.
Sector No.
0
1F(17)H
0
1
0
0
Cylinder Low
Cylinder Low
0
1F(17)H
0
1
0
1
Cylinder High
Cylinder High
0
1F(17)H
0
1
1
0
Select Card/Head
Select Card/Head
0
1F(17)H
0
1
1
1
Status
Command
0
3F(37)H
0
1
1
0
Alt Status
Device Control
0
3F(37)H
0
1
1
1
Drive Address
Reserved
T3-2.1 375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com