Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST48CF016 Datasheet(PDF) 27 Page - Silicon Storage Technology, Inc

Part # SST48CF016
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF016 Datasheet(HTML) 27 Page - Silicon Storage Technology, Inc

Back Button SST48CF016 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST48CF016 Datasheet HTML 31Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
27
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.5 I/O Transfer Function
2.5.1 I/O Function
The I/O transfer to or from the CompactFlash card can be either 8 or 16 bits. When a 16-bit accessible port is
addressed, the signal -IOIS16 is asserted by the CompactFlash card. Otherwise, the -IOIS16 signal is de-asserted.
When a 16 bit transfer is attempted, and the -IOIS16 signal is not asserted by the CompactFlash card, the system
must generate a pair of 8-bit references to access the word’s Even Byte and Odd Byte. The CompactFlash card
permits both 8 and 16 bit accesses to all of its I/O addresses, so -IOIS16 is asserted for all addresses to which the
CompactFlash card responds.
TABLE
2-16: I/O FUNCTION
Function Code
-REG
-CE2
-CE1
A0
-IORD
-IOWR
D15-D8
D7-D0
Standby Mode
X
VIH
VIH
XXX
High Z
High Z
Byte Input Access
(8 bits)
VIL
VIL
VIH
VIH
VIL
VIL
VIL
VIH
VIL
VIL
VIH
VIH
High Z
High Z
Even Byte
Odd Byte
Byte Output Access
(8 bits)
VIL
VIL
VIH
VIH
VIL
VIL
VIL
VIH
VIH
VIH
VIL
VIL
Don’t Care
Don’t Care
Even Byte
Odd Byte
Word Input Access
(16 bits)
VIL
VIL
VIL
VIL
VIL
VIH
Odd Byte
Even Byte
Word Output Access
(16 bits)
VIL
VIL
VIL
VIL
VIH
VIL
Odd Byte
Even Byte
I/O Read Inhibit
VIH
X
X
X
VIL
VIH
Don’t Care
Don’t Care
I/O Write Inhibit
VIH
X
X
X
VIH
VIL
High Z
High Z
High Byte Input Only
(8 bits)
VIL
VIL
VIH
X
VIL
VIH
Odd Byte
High Z
High Byte Output
Only (8 bits)
VIL
VIL
VIH
X
VIH
VIL
Odd Byte
Don’t Care
T2-16.0 375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com