Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58SM032 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST58SM032
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58SM032 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST58SM032 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Advance Information
FEATURES:
•
ATA/IDE standard interface
– 512 Bytes per sector
– ATA command set compatible
– Selectable Master/Slave Operation
– Support Data Transfer Speed up to PIO Mode-4
•
8, 16, 24, 32, 48, 64, 96, 128, and 192 MByte
capacities
•
Standard Female IDE Connector
– 40-pin and 44-pin
•
Single Voltage Read and Write Operation
– 5.0V-only for SST58SMxxx
– 3.3V-only for SST58LMxxx
•
Supports 5.0-Volt or 3.3-Volt Read and Write
– 4.5-5.5V or 3.135-3.465V for Commercial
•
Low Power Consumption
– Active mode: 35 mA/55 mA (3.3V/5.0V) (typical)
– Sleep mode: 100 µA/150 µA (3.3V/5.0V) (typical)
•
Sustained Write Performance
– Up to 1.4 MB/sec (host to flash)
•
Extended Data Protection and Security
– WP# pin for Data Protection
– Factory-Programmed, 20-Byte Unique ID number
•
Controller Overhead Command to DRQ
– Less than 0.5 ms
•
Zero Power Data Retention
– Batteries not required for data storage
•Start Up Time
– Sleep to read: 200 ns (typical)
– Sleep to write: 200 ns (typical)
– Power-on to Ready:200 ms (typical)
•
Support for Commercial Temperature Range
– 0°C to +70°C for Operating Commercial
– -50°C to +100°C for non-Operating (storage)
•
Extremely Rugged and Reliable
– Built-in ECC support corrects 3 Bytes of error
per 512 Byte sector
•
Intelligent ATA/IDE Controller
– Built-in microcontroller with intelligent firmware
– Built-in Embedded Flash File System
•
Power Management Unit
– Immediate disabling of unused circuitry
PRODUCT DESCRIPTION
SST’s ATA-Disk Module (ADM) is a low cost, high perfor-
mance, embedded flash memory data storage system.
This product is well suited for solid state mass storage
applications offering new and expanded functionality while
enabling cost effective designs.
The ADM is a solid state disk drive that is designed to
replace conventional IDE hard disk drive and can be
plugged into a standard IDE connector commonly found in
desktop or portable PC systems.
ADM has built-in microcontroller and file management
firmware that communicates with ATA standard inter-
faces; therefore, the ADM does not require additional or
proprietary host software such as Flash File System
(FFS) and Memory Technology Driver (MTD) software.
The ADM is designed to work at either 5V or 3.3V and is
available in 8 to 192 MByte capacities. It uses standard ATA
driver that is part of all major OS such as Windows 95/98/
2000/NT/CE, MAC, UNIX, etc.
All signals, except WP#, are in compliance with the ATA
specifications. WP# is used to write protect the information
stored on the ADM. The WP# could be connected to the
motherboard write protect control logic through a jumper.
When WP# is low, the ADM is write protected to prohibit
any inadvertent writes.
Every ADM comes with factory-programmed, 20-Byte long,
unique identification number for extended data protection.
This feature prevents unauthorized duplication by allowing
encryption of customer data.
The ADM integrates a standard 40- or 44-pin female
connector for easy and cost effective mounting on top
of a standard IDE male connector commonly found on
the system motherboards. ADM also offers user
selectable Master/Slave operation through an external
jumper setting.
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58SM/LMxxxATA-Disk Module
8MB / 16MB / 24MB / 32MB / 48MB / 64MB / 96MB / 128MB / 192MB


Similar Part No. - SST58SM032

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58SD008 SST-SST58SD008 Datasheet
363Kb / 40P
ATA-Disk Chip
SST58SD008-70-C-P1H SST-SST58SD008-70-C-P1H Datasheet
363Kb / 40P
ATA-Disk Chip
SST58SD016 SST-SST58SD016 Datasheet
363Kb / 40P
ATA-Disk Chip
SST58SD016-70-C-P1H SST-SST58SD016-70-C-P1H Datasheet
363Kb / 40P
ATA-Disk Chip
SST58SD024 SST-SST58SD024 Datasheet
363Kb / 40P
ATA-Disk Chip
More results

Similar Description - SST58SM032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
Value Added ATA Disk Module
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
Value Added ATA Disk Module
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
Value Added ATA Disk Module
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
ATA Disk Module 5S(ADM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com