Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58SM032 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST58SM032
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58SM032 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST58SM032 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
13
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
2.3.7 I/O Output (Write) Timing Specification
Note: All times are in nanoseconds. The maximum load on IOCS16# is 1 LSTTL with 50pF total load.
All AC specifications are guaranteed by design.
FIGURE
2-2: I/O WRITE TIMING DIAGRAM
FIGURE
2-3: AC INPUT/OUTPUT REFERENCE WAVEFORMS
TABLE
2-6: I/O WRITE TIMING
Item
Symbol
IEEE Symbol
Min
Max
Data Setup before IOWR#
tsu(IOWR)
tDVIWH
20
-
Data Hold following IOWR#
th(IOWR)
tlWHDX
10
-
IOWR# Width Time
tw(IOWR)
tlWLIWH
70
-
Valid Address Setup before IOWR#
tsuA(IOWR)
tAVIWL
25
-
Valid Address Hold following IOWR#
thA(IOWR)
tlWHAX
10
-
IOCS16# Delay Falling from Address
tdfIOCS16(ADR)
tAVISL
-
20
IOCS16# Delay Rising from Address
tdrIOCS16(ADR)
tAVISH
20
T2-6.4 519
519 ILL2-8.4
tdrIOCS16(ADR)
tdfIOCS16(ADR)
thA(IOWR)
th(IOWR)
tsu(IOWR)
Din Valid
tsuA(IOWR)
tw(IOWR)
Valid Address1
IORW#
IOCS16#
D15-D0
1. Valid Address consists of signals CS1FX#, CS3FX#, and A2-A0.
519 ILL F11.0
REFERENCE POINTS
OUTPUT
INPUT
VHT
VLT
VHT
VLT
VIHT
VILT
AC test inputs are driven at VIHT (2.4V) for a logic “1” and VILT (0.4V) for a logic “0”. Measurement reference points for
inputs and outputs are VHT (2.0V) and VLT (0.8V). Input rise and fall times (10%
↔ 90%) are <10 ns.
Note: VHT - VHIGH Test
VLT - VLOW Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com