Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58SM032 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST58SM032
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58SM032 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST58SM032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58SM032 Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
2.3.6 I/O Input (Read) Timing Specification
Note: All times are in nanoseconds. The maximum load on IOCS16# is 1 LSTTL with 50pF total load.
All AC specifications are guaranteed by design.
FIGURE 1: I/O READ TIMING DIAGRAM
TABLE
2-5: I/O READ TIMING
Item
Symbol
IEEE Symbol
Min
Max
Data Setup before IORD#
tsu(IORD)
tDVIRH
20
-
Data Hold following IORD#
th(IORD)
tlGHQX
5
-
IORD# Width Time
tw(IORD)
tlGLIGH
70
-
Valid Address Setup before IORD#
tsuA(IORD)
tAVIGL
25
-
Valid Address Hold following IORD#
thA(IORD)
tlGHAX
10
-
IOCS16# Delay Falling from Address
tdfIOCS16(ADR)
tAVISL
-
20
IOCS16# Delay Rising from Address
tdrIOCS16(ADR)
tAVISH
20
T2-5.4 519
519 ILL2-7.3
tdrIOCS16(ADR)
tdfIOCS16(ADR)
thA(IORD)
th(IORD)
tsuA(IORD)
tsu (IORD)
tw(IORD)
Valid Address1
IORD#
IOCS16#
D15-D0
Dout
1. Valid Address consists of signals CS1FX#, CS3FX#, and A2-A0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com