Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS41356B Datasheet(PDF) 21 Page - Microchip Technology

Part # DS41356B
Description  Low Pin Count USB Development Kit
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS41356B Datasheet(HTML) 21 Page - Microchip Technology

Back Button DS41356B Datasheet HTML 17Page - Microchip Technology DS41356B Datasheet HTML 18Page - Microchip Technology DS41356B Datasheet HTML 19Page - Microchip Technology DS41356B Datasheet HTML 20Page - Microchip Technology DS41356B Datasheet HTML 21Page - Microchip Technology DS41356B Datasheet HTML 22Page - Microchip Technology DS41356B Datasheet HTML 23Page - Microchip Technology DS41356B Datasheet HTML 24Page - Microchip Technology DS41356B Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
© 2009 Microchip Technology Inc.
DS41356B-page 17
EXAMPLE 2-5:
REPORT DESCRIPTOR FOR LAB 1
The descriptor definitions are now complete.
21. Compile the project. There should be no errors.
Testing The Application
22. Configure the Low Pin Count USB Development Board so that the J14 jumper is
on the two right-most pins. This application will use power supplied by VBUS off
of the USB cable.
23. Disconnect the J12 jumper.
24. Connect the PICkit 2 programmer to the PC USB port and then to the J6
connector on the Low Pin Count USB Development Board.
25. Open the PICkit 2 programmer environment by selecting Start>Programs>Micro-
chip PICkit 2 vx.xx.
26. The PICkit 2 programmer software should recognize that the PICkit 2 is
connected and identify the PIC18F14K50 device.
27. Within the PICkit 2 programmer software, navigate to the
C:\LPCUSBDK_Labs\Lab1_files\output
folder and download the
Project Lab 1.hex
file to the PIC18F14K50.
28. Disconnect the PICkit 2 programmer from J6 and plug the USB cable into the
mini B connector, J1.
Once connected, the enumeration process should begin. The Host PC should
recognize the connection of a new device and display a notification at the right
corner of the screen indicating the “Mouse Enumeration Demo” text placed in the
product string earlier in this lab.
0x05, 0x01, /*
Usage Page (Generic Desktop)*/
0x09, 0x02, /*
Usage (Mouse)*/
0xA1, 0x01, /*
Collection (Application)*/
0x09, 0x01, /*
Usage (Pointer)*/
0xA1, 0x00, /*
Collection (Physical)*/
0x05, 0x09, /*
Usage Page (Buttons) */
0x19, 0x01, /*
Usage Minimum (01)*/
0x29, 0x03, /*
Usage Maximum (03)*/
0x15, 0x00, /*
Logical Minimum (0)*/
0x25, 0x01, /*
Logical Maximum (0)*/
0x95, 0x03, /*
Report Count (3)*/
0x75, 0x01, /*
Report Size (1)*/
0x81, 0x02, /*
Input (Data, Variable, Absolute)*/
0x95, 0x01, /*
Report Count (1)*/
0x75, 0x05, /*
Report Size (5)*/
0x81, 0x01, /*
Input (Constant)
;5 bit padding
*/
0x05, 0x01, /*
Usage Page (Generic Desktop)*/
0x09, 0x30, /*
Usage (X)*/
0x09, 0x31, /*
Usage (Y)*/
0x15, 0x81, /*
Logical Minimum (-127)*/
0x25, 0x7F, /*
Logical Maximum (127)*/
0x75, 0x08, /*
Report Size (8)*/
0x95, 0x02, /*
Report Count (2)*/
0x81, 0x06, /*
Input (Data, Variable, Relative)*/
0xC0, 0xC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com