Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS41356B Datasheet(PDF) 13 Page - Microchip Technology

Part # DS41356B
Description  Low Pin Count USB Development Kit
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS41356B Datasheet(HTML) 13 Page - Microchip Technology

Back Button DS41356B Datasheet HTML 9Page - Microchip Technology DS41356B Datasheet HTML 10Page - Microchip Technology DS41356B Datasheet HTML 11Page - Microchip Technology DS41356B Datasheet HTML 12Page - Microchip Technology DS41356B Datasheet HTML 13Page - Microchip Technology DS41356B Datasheet HTML 14Page - Microchip Technology DS41356B Datasheet HTML 15Page - Microchip Technology DS41356B Datasheet HTML 16Page - Microchip Technology DS41356B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
LOW PIN COUNT USB
DEVELOPMENT KIT
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS41356B-page 9
2.1
INTRODUCTION
This section of the user’s guide will walk the user through a number of project labs that
will ease the development of original USB design applications. Labs are formatted so
that the user is guided through each project’s source code to uncomment or copy and
paste sections of code. This format was chosen to force the developer to explore sig-
nificant sections of the Framework and familiarize themselves with the overall structure
of the source files presented.
Lab files can be located in the folder C:\LPCUSBDK_Labs\Labx_files. Each lab
folder will contain both the source files for the labs and a folder containing the solutions
with working code.
Four labs are presented:
1.
Project Lab 1 (Enumeration): This lab introduces the user to developing unique
descriptors in their own applications that will be used by the Host (PC) to
enumerate and ultimately configure the PIC18F14K50.
2.
Project Lab 2 (HID Mouse): This lab expands on concepts learned in Project Lab
1 using the descriptors defined. The user will walk through the development of
application specific functions within the mouse.c firmware file. The end applica-
tion will behave like a Human Interface Device Class (HID) mouse by moving the
pointer on the PC screen.
3.
Project Lab 3 (HID Keyboard): In this lab the user is required to alter the descrip-
tors to implement a HID keyboard-based application. The potentiometer on the
Low Pin Count USB Development Board is rotated to change the HID specifica-
tion unicode value transmitted through the USB to the PC that will print charac-
ters based on an ADC conversion.
4.
Project Lab 4 (CDC Serial Emulator): Finally, the user will implement a
communication protocol converter using the Communication Device Class
(CDC) driver.
2.2
PREREQUISITES
These labs assume that the user:
1.
Has completed the self-directed course “Getting Started with Microchip’s Low
Pin Count USB Solutions” provided on the accompanying CD.
2.
Is familiar with the MPLAB IDE and C18 compiler.
3.
Has some programming experience using the C language.
4.
Is familiar with Microchip’s PIC18F family of microcontrollers.
2.3
RESOURCES REQUIRED TO COMPLETE PROJECT LABS
In order to complete the Project Labs, the user should have:
1.
The most current version of the MPLAB IDE and C18 compiler installed on their
PC. The MPLAB IDE can be found at: http://www.microchip.com/stellent/idc-
plg?IdcService=SS_GET_PAGE&nodeId=1406&dDoc-
Name=en019469&part=SW007002
Chapter 2. Getting Started Project Labs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com