Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS41356B Datasheet(PDF) 49 Page - Microchip Technology

Part # DS41356B
Description  Low Pin Count USB Development Kit
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS41356B Datasheet(HTML) 49 Page - Microchip Technology

Back Button DS41356B Datasheet HTML 45Page - Microchip Technology DS41356B Datasheet HTML 46Page - Microchip Technology DS41356B Datasheet HTML 47Page - Microchip Technology DS41356B Datasheet HTML 48Page - Microchip Technology DS41356B Datasheet HTML 49Page - Microchip Technology DS41356B Datasheet HTML 50Page - Microchip Technology DS41356B Datasheet HTML 51Page - Microchip Technology DS41356B Datasheet HTML 52Page - Microchip Technology DS41356B Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
LOW PIN COUNT USB
DEVELOPMENT KIT
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS41356B-page 45
Appendix A. Schematics
A.1
INTRODUCTION
This appendix contains the Low Pin Count USB Development Kit hardware diagrams.
FIGURE A-1:
LOW PIN COUNT USB DEVELOPMENT BOARD BILL OF
MATERALS
QTY
DESCRIPTION
1
IC, PIC18F14K50, 20P DIP
1
IC SMT, MAX3232CPWR ,DRVR/RCVR MLTCH RS232 16TSSO (U3)
5
CAP SMT, 0.1uF 0603 CER 16V 10% X7R (C6 - C10)
2
CAP SMT, 0.1uF 0805 CER 50V 10% X7R (C1, C3)
1
CAP SMT, 0.47uF 0805 CER 16V 10% X7R (C2)
2
CAP SMT, 22pF 0805 CER 100V 5% C0G (C4, C5)
4
RES SMT, 330-OHM 1/16W 1% 0603 (R8 - R11)
2
RES SMT, 1.0K-OHM 1/10W 1% 0805 (R1, R3)
1
RES SMT, 10K-OHM 1/10W 1% 0805 (R2)
1
RES SMT, 150K-OHM 1/10W 1% 0805 (R12)
4
RES SMT, 470-OHM 1/10W 1% 0805 (R4 - R7)
1
RES POT, 10K-OHM 1/2W THUMBWH CERM ST (POT 1)
4
LED, 565NM GREEN CLEAR 0805 T/R (D1 - D4)
1
OSC SMT, 12.000MHz CRYSTAL 18PF FUND SMD (HC49) (Y1)
1
SWITCH SMT, PUSH BUTTON SPST MOM 6MM 160GF/230GF (S1)
1
CONN SMT, RECPT, USB MINI-B 5POS RA (J1)
1
CONN, D-SUB, 9P PLUG RT ANGLE W/ JACK SCREWS (J15)
1
CONN, RECPT, 1x14 PIN 0.100" STR (J11)
2
CONN, HDR, 1x6 BREAKAWAY, 0.100" PITCH, 0.025 SQ, RA,
(0.230/0.090) (J6, J13)
1
CONN, HDR, 1x2, 0.100" PITCH, 0.025 SQ POST, TIN (0.135"/0.380"),
POL (J9)
1
CONN, HDR, 1x3 BREAKAWAY, 0.100" PITCH, 0.025 SQ POST, GD
(0.100"/0.230") (J14)
1
SOCKET, 20P DIP 0.300W COLLET OPEN FRAME (@XU1)
1
-SPARE- LOCATION (U2, J2 - J5, J7, J8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com