Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM6201FS Datasheet(PDF) 2 Page - Rohm

Part # BM6201FS
Description  600V PrestoMOS??built-in Three phase brushless fan motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6201FS Datasheet(HTML) 2 Page - Rohm

  BM6201FS Datasheet HTML 1Page - Rohm BM6201FS Datasheet HTML 2Page - Rohm BM6201FS Datasheet HTML 3Page - Rohm BM6201FS Datasheet HTML 4Page - Rohm BM6201FS Datasheet HTML 5Page - Rohm BM6201FS Datasheet HTML 6Page - Rohm BM6201FS Datasheet HTML 7Page - Rohm BM6201FS Datasheet HTML 8Page - Rohm BM6201FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/19
Datasheet
Datasheet
BM6201FS
TSZ02201-0828AB400010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
26.MAR.2012 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Block diagram and pin configuration
Fig.2 Block diagram
Fig.3 Pin configuration
Pin descriptions
(NC: No Connection)
Pin
Name
Function
Pin
Name
Function
1
VCC
Low voltage power supply
42
VDC
High voltage power supply
2
NC
41
VDC
High voltage power supply
3
FOB
Fault signal output (open drain)
4
NC
40
BU
Phase U floating power supply
5
UH
Phase U high side control input
39
U
Phase U output
6
UL
Phase U low side control input
38
U
Phase U output
7
NC
:
:
37
BV
Phase V floating power supply
11
NC
36
V
Phase V output
12
VH
Phase V high side control input
35
V
Phase V output
13
VL
Phase V low side control input
14
NC
:
:
34
VDC
High voltage power supply
19
NC
33
VDC
High voltage power supply
20
WH
Phase W high side control input
21
WL
Phase W low side control input
22
NC
32
BW
Phase W floating power supply
23
FOB
Fault signal output (open drain)
31
W
Phase W output
24
NC
30
W
Phase W output
25
VCC
Low voltage power supply
26
NC
29
PGND
Ground (current sense pin)
27
GND
Ground
28
PGND
Ground (current sense pin)
LEVEL SHIFT
&
GATE DRIVER
BU
U
M
40
39
1
VCC
GND
VDC
5
UH
6
UL
BV
V
37
36
12
VH
13
VL
BW
W
PGND
32
31
20
WH
21
WL
29
3
FOB
23
FOB
25
VCC
VDC
PGND
28
27
30
W
35
38
U
V
FAULT
SDB
LEVEL SHIFT
&
GATE DRIVER
FAULT
SDB
LEVEL SHIFT
&
GATE DRIVER
FAULT
SDB
TRIP
34
33
VDC
VDC
VCC
41
42
FAULT
TRIP
TRIP
VCC
FOB
UH
UL
VH
VL
WH
WL
FOB
VCC
GND
PGND
PGND
W
W
BW
VDC
VDC
V
V
BV
U
U
BU
VDC
VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com