Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM6201FS Datasheet(PDF) 9 Page - Rohm

Part # BM6201FS
Description  600V PrestoMOS??built-in Three phase brushless fan motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6201FS Datasheet(HTML) 9 Page - Rohm

Back Button BM6201FS Datasheet HTML 5Page - Rohm BM6201FS Datasheet HTML 6Page - Rohm BM6201FS Datasheet HTML 7Page - Rohm BM6201FS Datasheet HTML 8Page - Rohm BM6201FS Datasheet HTML 9Page - Rohm BM6201FS Datasheet HTML 10Page - Rohm BM6201FS Datasheet HTML 11Page - Rohm BM6201FS Datasheet HTML 12Page - Rohm BM6201FS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/19
Datasheet
Datasheet
BM6201FS
TSZ02201-0828AB400010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
26.MAR.2012 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Typical performance curves (Reference data)
20
40
60
80
100
120
12
14
16
18
20
Supply Voltage : VBX-VX [V]
125°C
25°C
-25°C
1.0
1.5
2.0
2.5
3.0
12
14
16
18
20
Supply Voltage : VCC [V]
125°C
25°C
-25°C
0.0
0.5
1.0
1.5
2.0
12
14
16
18
20
Supply Voltage : VCC [V]
125°C
25°C
-25°C
Fig.14 Low side drivers operating current
Fig.15 Quiescence current
(FPWM:20kHz, two phase switching)
(High side driver, each phase)
Fig.12 Quiscence current
Fig.13 Low side drivers operating current
(Low side drivers)
(FPWM:20kHz, one phase switching)
0.0
0.5
1.0
1.5
2.0
12
14
16
18
20
Supply Voltage : VCC [V]
125°C
25°C
-25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com