Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM6201FS Datasheet(PDF) 1 Page - Rohm

Part # BM6201FS
Description  600V PrestoMOS??built-in Three phase brushless fan motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6201FS Datasheet(HTML) 1 Page - Rohm

  BM6201FS Datasheet HTML 1Page - Rohm BM6201FS Datasheet HTML 2Page - Rohm BM6201FS Datasheet HTML 3Page - Rohm BM6201FS Datasheet HTML 4Page - Rohm BM6201FS Datasheet HTML 5Page - Rohm BM6201FS Datasheet HTML 6Page - Rohm BM6201FS Datasheet HTML 7Page - Rohm BM6201FS Datasheet HTML 8Page - Rohm BM6201FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
BM6201FS
Product structure : Silicon hybrid integrated circuit This product is not designed protection against radioactive rays
.
1/19
TSZ02201-0828AB400010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
26.MAR.2012 Rev.001
TSZ22111 · 14 · 001
http://www.rohm.com
For air-conditioner fan motor
600V PrestoMOS™ built-in
Three phase brushless fan motor driver
BM6201FS
General Description
This motor driver IC adopts PrestoMOS™ as the output
transistor, and put in a small full molding package with
the high voltage gate driver chip. The protection circuits
~ overcurrent, overheating, under voltage lock out ~ and
the high voltage bootstrap diode with current regulation
are built into, and provides optimum motor drive system
for a wide variety of applications by the combination with
controller BD6201X series, and enables motor unit
standardization.
Features

600V PrestoMOS™ built-in

Output current 1.5A

Bootstrap operation by floating high side driver
(including diode)

3.3V logic input compatible

Protection circuits provided: OCP, TSD and UVLO

Fault output (open drain)
Applications

Air conditioners; air cleaners; water pumps;
dishwashers; washing machines

General OA equipment
Key Specifications

Output MOSFET voltage:
600V

Driver output current (DC):
±1.5A(Max.)

Driver output current (Pulse):
±2.5A(Max.)

Output MOSFET DC on resistance:
2.7Ω (Typ.)

Operating case temperature:
-20°C to +100°C

Power dissipation:
3.0W
Package
W(Typ.) x D(Typ.) x H(Max.)
SSOP-A54_42
22.0mm x 14.1mm x 2.4mm
Typical Application Circuit
Fig.1 Application circuit example - BM6201FS & BD6201X
R8
R9
VREG
C5
HU
HV
HW
VSP
FG
DTR
VCC
GND
M
VDC
BD6201X
BM6201FS
R1
R2
R3
R4
R5
R6
R7
Q1
C1
C2~C4
C6
C7
C8
C9
C10
C11
C12
C13
D1
C14
VREG
SSOP-A54_42


Similar Part No. - BM6201FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
3-Phase Brushless Fan Motor Driver
BM6202FS-E2 ROHM-BM6202FS-E2 Datasheet
663Kb / 23P
3-Phase Brushless Fan Motor Driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
LDO
logo
Rohm
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
3-Phase Brushless Fan Motor Driver
BM6203FS-E2 ROHM-BM6203FS-E2 Datasheet
688Kb / 24P
3-Phase Brushless Fan Motor Driver
More results

Similar Description - BM6201FS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
Three-Phase Brushless Motor Driver
logo
Rohm
BD62013FS ROHM-BD62013FS Datasheet
950Kb / 23P
Three phase brushless fan motor controller
logo
ON Semiconductor
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
Three-Phase Brushless Motor Driver
September, 2013
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
Three-Phase Brushless Motor Driver
May, 2013
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com