Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP1524-01D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DIP1524-01D3
Description  GPS/GLONASS and 2.4 GHz diplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP1524-01D3 Datasheet(HTML) 1 Page - STMicroelectronics

  DIP1524-01D3 Datasheet HTML 1Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 2Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 3Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 4Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 5Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 6Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 7Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 8Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
February 2012
Doc ID 022548 Rev 1
1/9
9
DIP1524-01D3
GPS/GLONASS and 2.4 GHz diplexer
Features
■ Low insertion loss
■ High attenuation levels
■ Input power for GPS: 25 dBm max
■ Input power for WLAN: 28 dBm max
■ High power capacity
■ Lead-free, Flip-Chip package
■ Small footprint
■ Very low profile (< 630 µm thickness)
■ High RF performance
Applications
■ Multi-band power amplifier module
■ Multi-band front end module
■ Multi-band GSM/WCDMA mobile phone
■ PC (netbooks, tablet) and smartphones
Description
The DIP1524-01D3 is a diplexer designed to
separate the RF received signals of the
GPS-GLONASS from the RF received signals in
the 2.4 to 2.7 GHz band.
The DIP1524-01D3 has been designed using
STMicroelectronics IPD (Integrated Passive
Device) technology on non conductive glass
substrate to optimize RF performance.
Figure 1.
Schematic diagram (top view)
Flip-Chip package 4 bumps
Rx Antenna
P1
P2
P3
GPS/GLONASS
Rx
WLAN, BTE
LTE Band VII
www.st.com


Similar Part No. - DIP1524-01D3

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP15-1A72-10A MEDER-DIP15-1A72-10A Datasheet
113Kb / 2P
DIP Reed Relay
DIP15-1A72-10A_DE MEDER-DIP15-1A72-10A_DE Datasheet
113Kb / 2P
(deutsch) DIP Reed Relay
DIP15-1A72-10C MEDER-DIP15-1A72-10C Datasheet
116Kb / 2P
DIP Reed Relay
DIP15-1A72-10C_DE MEDER-DIP15-1A72-10C_DE Datasheet
115Kb / 2P
(deutsch) DIP Reed Relay
DIP15-1A72-10L MEDER-DIP15-1A72-10L Datasheet
117Kb / 2P
DIP Reed Relay
More results

Similar Description - DIP1524-01D3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGM1034N7 INFINEON-BGM1034N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.0, 2011-07-18
BGM1033N7 INFINEON-BGM1033N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.2, 2011-07-18
BGM1032N7 INFINEON-BGM1032N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.2, 2011-07-18
logo
Raltron Electronics Cor...
RPA-GPGL-P-SMD-18-G RALTRON-RPA-GPGL-P-SMD-18-G Datasheet
140Kb / 2P
GPS AND GLONASS SMD PATCH ANTENNA
RPA-PB2-G-005 RALTRON-RPA-PB2-G-005 Datasheet
219Kb / 2P
GPS AND GLONASS PATCH ANTENNA
logo
Infineon Technologies A...
BGM1043N7 INFINEON-BGM1043N7 Datasheet
1Mb / 17P
GPS and GLONASS Front-End Module
Revision 3.0, 2012-06-20
logo
TE Connectivity Ltd
955-056-XXX TEC-955-056-XXX Datasheet
466Kb / 3P
IRIDIUM/ GNSS (GPS/GLONASS)/ WLAN (2.4 GHz) Screw Antenna
logo
Qorvo, Inc
TQM2M9016 QORVO-TQM2M9016 Datasheet
801Kb / 7P
GPS/ SDARS Diplexer
logo
Maxtena Inc.
MEA-5GGG-SM MAXTENA-MEA-5GGG-SM Datasheet
2Mb / 6P
5GNR and GPS/GLONASS Screw Mount
REV A
MEA-LGG-AM MAXTENA-MEA-LGG-AM Datasheet
2Mb / 4P
CELLULAR/LTE and GPS/GLONASS Adhesive
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com