Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP1524-01D3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # DIP1524-01D3
Description  GPS/GLONASS and 2.4 GHz diplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP1524-01D3 Datasheet(HTML) 5 Page - STMicroelectronics

  DIP1524-01D3 Datasheet HTML 1Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 2Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 3Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 4Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 5Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 6Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 7Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 8Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DIP1524-01D3
Ordering information scheme
Doc ID 022548 Rev 1
5/9
2
Ordering information scheme
Figure 16.
Ordering information scheme
Figure 14.
P1-P2 - S12 isolation in f1 band
Figure 15.
P1-P2 - S12 isolation in f2 band
F (GHz)
S12 (dB)
2.40
2.45
2.50
2.55
-15
-20
-25
-30
-35
m21
m20
m20
F = 2.400 GHz
S23 = -19.224 dB
m21
F = 2.700 GHz
S23 = -24.375 dB
2.60
2.65
2.70
F (GHz)
S12 (dB)
1.570 1.575 1.580 1.585
-15
-20
-25
-30
-35
m19
m18
m18
F = 1.575 GHz
S12 = -22.399 dB
m19
F = 1.605 GHz
S12 = -24.812 dB
1.590 1.595 1.600 1.605 1.610
DIP
15
24
01
D3
IPD family
f1 band
Design version
Package
Diplexer
1st version
D3 = glass substrate
f2 band



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com