Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP1524-01D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DIP1524-01D3
Description  GPS/GLONASS and 2.4 GHz diplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP1524-01D3 Datasheet(HTML) 3 Page - STMicroelectronics

  DIP1524-01D3 Datasheet HTML 1Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 2Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 3Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 4Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 5Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 6Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 7Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 8Page - STMicroelectronics DIP1524-01D3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DIP1524-01D3
Characteristics
Doc ID 022548 Rev 1
3/9
1.1
RF measurement
Measurements performed at component level
.
Figure 2.
P1-P3 and P2-P3 - S13 and S23
forward transmission
Figure 3.
P1-P3 - S13 insertion loss in f1
band
F (GHz)
S13, S23 (dB)
S13
S23
01
2
3
4
5
6
0
-5
-10
-15
-20
-25
-30
-35
F (GHz)
S13 (dB)
2.40
2.45
2.50
2.55
2.60
2.65
2.70
-0.70
-0.75
-0.80
-0.85
-0.90
m1
m2
m1
F = 2.400 GHz
S13 = -0.861 dB
m2
F = 2.700 GHz
S13 = -0.812 dB
Figure 4.
P2-P3 - S23 insertion loss in f2
band (GPS)
Figure 5.
P2-P3 - S23 insertion loss in f2
band (GLONASS)
F (GHz)
S23 (dB)
1.570
1.572
1.574
1.576
1.578
1.580
-0.50
-0.55
-0.60
-0.65
-0.70
m3
m3
F = 1.575 GHz
S23 = -0.580 dB
F (GHz)
S23 (dB)
1.595
1.600
1.605
1.610
-0.50
-0.55
-0.60
-0.65
-0.70
m5
m4
m4
F = 1.595 GHz
S23 = -0.603 dB
m5
F = 1.605 GHz
S23 = -0.624 dB
Figure 6.
P1-P3 - S13 attenuation in f2 band
Figure 7.
P2-P3 - S23 attenuation in f1 band
F (GHz)
S13 (dB)
1.570 1.575 1.580 1.585
-15
-20
-25
-30
-35
m7
m6
m6
F = 1.575 GHz
S13 = -23.141 dB
m7
F = 1.605 GHz
S13 = -27.723 dB
1.590 1.595 1.600 1.605 1.610
F (GHz)
S23 (dB)
2.40
2.45
2.50
2.55
-15
-20
-25
-30
-35
m9
m8
m8
F = 2.400 GHz
S23 = -19.084 dB
m9
F = 2.700 GHz
S23 = -24.617 dB
2.60
2.65
2.70



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com