Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 5 Page - Texas Instruments

Part # MPZ2012S101A
Description  TPA2025D1 Audio Power Amplifier Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S101A Datasheet(HTML) 5 Page - Texas Instruments

  MPZ2012S101A Datasheet HTML 1Page - Texas Instruments MPZ2012S101A Datasheet HTML 2Page - Texas Instruments MPZ2012S101A Datasheet HTML 3Page - Texas Instruments MPZ2012S101A Datasheet HTML 4Page - Texas Instruments MPZ2012S101A Datasheet HTML 5Page - Texas Instruments MPZ2012S101A Datasheet HTML 6Page - Texas Instruments MPZ2012S101A Datasheet HTML 7Page - Texas Instruments MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1
OUT+
OUT-
1
1000pfd/50V
C7
1000pfd/50V
C8
GND
GND
GND
Vdd
GND
GND
4700pfd/50V
C9
4700pfd/50V
C10
Vdd
GND
DNP
R8
2
1
DNP
C4
2
1
100K
R5
2
1
DNP
1
2
R7
GND
VDD
1
Vdd
GND
1
GND GND GND GND
0.5in
0.5in
0.5in
0.5in
0.5in
0.5in
0.5in
0.5in
1
2
3
IN
100ohms/4A
2
1
FB1
MPZ2012S101A
100ohms/4A
2
1
FB2
MPZ2012S101A
S1
2
1
10ufd/10V
C3
1.00K
1
2
R4
22ufd/10V
C5
2
1
DNP
6.8V
D1
D3
B1
B2
C1
C2
C3
D3
U1
C2
B2
C1
B1
C3
EN
AGC
IN+
OUT-
OUT+
GND
GND
1
2
3
AGC
DNP
C6
TVS2
DNP
TVS1
DNP
GND
GND
0.0
1
2
R100
2
1
0.0
R101
2.2uH
1
2
L1
GND
1
2
JP SE
GND
FLT OUT-
GND
C11
0.1ufd/16V
GND
GND
TP2 GND
TP1 GND
FLT OUT+
1.0ufd/10V
1
2
C1
1.0ufd/10V
1
2
C2
C12
2
1
0.1ufd/16V
GND
TPA2025D1YZG
STANDOFF HARDWARE
1
2
3
www.ti.com
Reference
3
Reference
This section includes the EVM schematic, board layout reference, and parts list.
3.1
TPA2025D1EVM Schematic
Figure 1. TPA2025D1EVM Schematic
5
SLOU310
– September 2011
TPA2025D1 Audio Power Amplifier Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com