Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 9 Page - Texas Instruments

Part # MPZ2012S101A
Description  TPA2025D1 Audio Power Amplifier Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S101A Datasheet(HTML) 9 Page - Texas Instruments

Back Button MPZ2012S101A Datasheet HTML 4Page - Texas Instruments MPZ2012S101A Datasheet HTML 5Page - Texas Instruments MPZ2012S101A Datasheet HTML 6Page - Texas Instruments MPZ2012S101A Datasheet HTML 7Page - Texas Instruments MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments MPZ2012S101A Datasheet HTML 10Page - Texas Instruments MPZ2012S101A Datasheet HTML 11Page - Texas Instruments MPZ2012S101A Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
Reference
3.3
TPA2025D1EVM Bill of Materials
Table 1. TPA2025D1EVM Bill of Materials
REF
ITEM
MANU PARTNUM
QTY
VENDOR PARTNUM DESCRIPTION
VENDOR
MANUFACTURER
DESIGNATORS
TEXAS
TEXAS
1
TPA2025D1YZG
1
U1
TPA2025D1YZG
Audio Power Amplifier
INSTRUMENTS
INSTRUMENTS
SEMICONDUCTORS
ST
TRANSIENT VOLTAGE SUPPRESSION
2
ESDALC6V1-1BT2
(0) DNP
TVS1,TVS2
ESDALC6V1-1BT2
MOUSER
MICROELECTRONI
BIDIR 6.1V 9A SOD-882 ROHS
CS
CAPACITORS
CAP SMD0603 CERM 1000PFD 50V 5%
3
C1608C0G1H102J
2
C7,C8
445-1293-1
DIGI-KEY
TDK CORP.
COG ROHS
CAP SMD0603 CERM 4700PFD 50V 10%
4
ECJ-1VB1H472K
2
C9,C10
PCC1780CT
DIGI-KEY
PANASONIC
X7R ROHS
CAP SMD0805 CERM 10UFD 10V10% X7R
5
GRM21BR71A106KE51L
1
C3
490-3905-1
DIGI-KEY
MURATA
ROHS
CAP SMD0805 CERM 22UFD 10V 20% X5R
6
LMK212BJ226MG-T
1
C5
587-1958-1
DIGI-KEY
TAIYO YUDEN
ROHS
CAP SMD0603 CERM 0.1UFD 16V 10% X7R
7
ECJ-1VB1C104K
2
C11,C12
PCC1762CT
DIGI-KEY
PANASONIC
ROHS
CAP SMD0603 CERM 1.0UFD 10V 10% X5R
8
GRM185R61A105KE36D
2
C1,C2
490-3893-1
DIGI-KEY
MURATA
ROHS
RESISTORS
R5
P100KGCT
RESISTOR SMD0603 100K OHM 5% THICK
9
ERJ-3GEYJ104V
1
DIGI-KEY
PANASONIC
FILM 1/10W ROHS
RESISTOR SMD0603 THICK FILM 1.00K
10
RC0603FR-071KL
1
R4
311-1.00KHRCT
DIGI-KEY
YAGEO
OHM 1% 1/10W ROHS
RESISTOR SMD0603 0.0 OHM 5% THICK
11
ERJ-3GEY0R00V
2
R100,R101
P0.0GCT
DIGI-KEY
PANASONIC
FILM 1/10W ROHS
INDUCTORS
INDUCTOR POWER SMD1008 2.2uH
12
1239AS-H-2R2N=P2
1
L1
1239AS-H-2R2N=P2
TOKO JAPAN
TOKO JAPAN
RDC=80mOHMS 2.3A DFE252012C ROHS
13
MMSZ5235BT1
(0) DNP
D1
ZENER DIODE,6.8V,SMT SOD-123
FERRITE BEAD, 100 Ohms 4A 100MHz
14
MPZ2012S101A
2
FB1,FB2
445-1567-1
DIGI-KEY
TDK
SM0805 ROHS
9
SLOU310
– September 2011
TPA2025D1 Audio Power Amplifier Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com