Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S101A Datasheet(PDF) 1 Page - Texas Instruments

Part # MPZ2012S101A
Description  TPA2025D1 Audio Power Amplifier Evaluation Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPZ2012S101A Datasheet(HTML) 1 Page - Texas Instruments

  MPZ2012S101A Datasheet HTML 1Page - Texas Instruments MPZ2012S101A Datasheet HTML 2Page - Texas Instruments MPZ2012S101A Datasheet HTML 3Page - Texas Instruments MPZ2012S101A Datasheet HTML 4Page - Texas Instruments MPZ2012S101A Datasheet HTML 5Page - Texas Instruments MPZ2012S101A Datasheet HTML 6Page - Texas Instruments MPZ2012S101A Datasheet HTML 7Page - Texas Instruments MPZ2012S101A Datasheet HTML 8Page - Texas Instruments MPZ2012S101A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
User
's Guide
SLOU310
– September 2011
TPA2025D1 Audio Power Amplifier Evaluation Module
This document describes the operation of the TPA2025D1 evaluation module that users may use to
evaluate the TPA2025D1 Audio Power Amplifier. Included are the TPA2025D1EVM schematic, board art,
and bill of materials.
Contents
1
Introduction
.................................................................................................................. 1
1.1
Description
.......................................................................................................... 1
1.2
TPA2025D1 Specifications
....................................................................................... 2
2
Operation
..................................................................................................................... 2
2.1
Quick-Start List for Stand-Alone Operation
..................................................................... 2
2.2
Boost Settings
...................................................................................................... 3
2.3
Power Up
............................................................................................................ 4
3
Reference
.................................................................................................................... 5
3.1
TPA2025D1EVM Schematic
...................................................................................... 5
3.2
TPA2025D1EVM PCB Layers
.................................................................................... 6
3.3
TPA2025D1EVM Bill of Materials
................................................................................ 9
List of Figures
1
TPA2025D1EVM Schematic
............................................................................................... 5
2
EVM Assembly Layer
....................................................................................................... 6
3
EVM Top Layer
.............................................................................................................. 6
4
EVM Layer 2
................................................................................................................. 7
5
EVM Layer 3
................................................................................................................. 7
6
EVM Bottom Layer
.......................................................................................................... 8
List of Tables
1
TPA2025D1EVM Bill of Materials
......................................................................................... 9
1
Introduction
This section provides an overview of the Texas Instruments (TI) TPA2025D1 audio power amplifier
evaluation module (EVM). It includes a brief description of the module and a list of specifications.
1.1
Description
The TPA2025D1 is a high-efficiency, class-D, audio power amplifier and an integrated boost converter. It
drives up to 2 W into a 4-
Ω speaker from low supply voltages.
The TPA2025D1 audio power amplifier EVM is a complete, stand-alone audio amplifier. It contains the
TPA2025D1 WCSP (YZG) Class-D audio power amplifier with an integrated boost converter. All
components and the EVM are Pb-Free.
1
SLOU310
– September 2011
TPA2025D1 Audio Power Amplifier Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - MPZ2012S101A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
MPZ2012S101A EMC-MPZ2012S101A Datasheet
41Kb / 2P
Ferrite Beads
logo
Texas Instruments
MPZ2012S101A TI-MPZ2012S101A Datasheet
874Kb / 28P
2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
logo
ELAN Microelectronics C...
MPZ2012S101A EMC-MPZ2012S101A Datasheet
65Kb / 2P
Chip Beads(SMD) For Power Line
logo
TDK Electronics
MPZ2012S101A TDK-MPZ2012S101A Datasheet
74Kb / 2P
Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
Chip Beads(SMD) For Power Line
More results

Similar Description - MPZ2012S101A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
Integrated Circuit Module - Hybrid, Audio Power Amplifier
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2 Datasheet
229Kb / 26P
FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER EVALUATION MODULE
logo
Zetex Semiconductors
ZXCD50STEVAL ZETEX-ZXCD50STEVAL Datasheet
810Kb / 11P
50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
logo
Texas Instruments
SLVU006A TI1-SLVU006A Datasheet
388Kb / 28P
UNIVERSAL OPERATIONAL AMPLIFIER EVALUATION MODULE
logo
Analog Devices
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
Evaluation Board for Filterless Class-D Audio Amplifier
Rev. 0
logo
Texas Instruments
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
Simple Switcher짰 Power Module Evaluation Module
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
Simple Switcher짰 Power Module Evaluation Module
logo
Panasonic Semiconductor
RSN309W44B PANASONIC-RSN309W44B Datasheet
192Kb / 1P
Audio Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com