Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU334 Datasheet(PDF) 2 Page - Texas Instruments

Part # SLOU334
Description  THS4531DGKEVM Evaluation Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU334 Datasheet(HTML) 2 Page - Texas Instruments

  SLOU334 Datasheet HTML 1Page - Texas Instruments SLOU334 Datasheet HTML 2Page - Texas Instruments SLOU334 Datasheet HTML 3Page - Texas Instruments SLOU334 Datasheet HTML 4Page - Texas Instruments SLOU334 Datasheet HTML 5Page - Texas Instruments SLOU334 Datasheet HTML 6Page - Texas Instruments SLOU334 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Power Connections
www.ti.com
3
Power Connections
The THS4531DGKEVM is equipped with banana jacks for easy connection of power. The positive supply
input is labeled V
S+. The negative supply input is labeled VS–. Ground is labeled GND.
3.1
Split-Supply Operation
To operate as split supply, apply the positive supply voltage to V
S+, negative supply voltage to VS– , and
the ground reference from supply to GND.
3.2
Single-Supply Operation
To operate as single supply, connect jumper V
S– to GND, and apply the positive supply voltage to VS+.
Inputs and outputs must be biased per data-sheet specifications for proper operation.
4
Input and Output Connections
The THS4531DGKEVM is equipped with SMA connectors for easy connection of signal generators and
analysis equipment. As shipped, the EVM is configured for a gain of 1, split supply, single-ended input and
output with 50-
Ω termination. For best results, signals must be routed to and from the EVM with cables
having 50-
Ω characteristic impedance. V
IN+ (J2) is the input connector for single-ended input signals. VOUT+
(J10) is the output connector for single-ended output signals. V
IN- (J1) is not intended for use with
single-ended input signals and has C1 and R6 added to approximate the impedance of an ac-coupled
50-
Ω source and to balance the amplifier when V
IN+ is driven from an ac-coupled, 50-Ω source. The
amplifier converts the single-ended input to a differential signal at its output pins. A resistor network (R20,
R21, R24) and transformer on the amplifier's output convert the differential signal to single-ended,
provides 2-k
Ω load to the amplifier when terminated in 50 Ω, and 50-Ω line impedance match at V
OUT+.
This results in loss, and the overall gain is approximately
–38 dB. See the following THS4531 data-sheet
applications section, schematics, and layouts for more detail and how to reconfigure the EVM.
2
THS4531DGKEVM Evaluation Module
SLOU334
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com