Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU334 Datasheet(PDF) 5 Page - Texas Instruments

Part # SLOU334
Description  THS4531DGKEVM Evaluation Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU334 Datasheet(HTML) 5 Page - Texas Instruments

  SLOU334 Datasheet HTML 1Page - Texas Instruments SLOU334 Datasheet HTML 2Page - Texas Instruments SLOU334 Datasheet HTML 3Page - Texas Instruments SLOU334 Datasheet HTML 4Page - Texas Instruments SLOU334 Datasheet HTML 5Page - Texas Instruments SLOU334 Datasheet HTML 6Page - Texas Instruments SLOU334 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.ti.com
THS4531DGKEVM Schematic, Layout, and Bill of Materials
5.3
Bill of Materials
Table 1. THS4531DGKEVM Bill of Materials
Item
Description
SMD Size
Reference Designator
PCB Qty.
Manufacturer
's Part No.
1
CAP, 10.0uF, CERAMIC, X5R, 16V
0805
C7, C10
2
(AVX) 0805YD106KAT2A
2
CAP, 0.1uF, CERAMIC, X7R, 16V
0603
C3, C4, C6, C11
4
(AVX) 0603YC104KAT2A
3
CAP, 0.22uF, CERAMIC, X7R, 10V
0603
C1
1
(AVX) 0603ZC224KAT2A
4
OPEN
0603
C2, C5, C12
3
5
OPEN
0805
C8, C9
2
6
OPEN
0603
R1, R2, R3, R7, R8, R9, R14, R15,
13
R22, R23, R25, R26, R27, R30
7
RESISTOR, 0 OHM
0603
R28, R29
2
(ROHM) MCR03EZPJ000
8
RESISTOR, 49.9 OHM, 1/10W, 1%
0603
R6
1
(ROHM) MCR03EZPFX49R9
9
RESISTOR, 51.1 OHM, 1/10W, 1%
0603
R10, R11, R24
3
(ROHM) MCR03EZPFX51R1
10
RESISTOR, 976 OHM, 1/10W, 1%
0603
R20, R21
2
(ROHM) MCR03EZPFX9760
11
RESISTOR, 2K OHM, 1/10W, 1%
0603
R12, R13, R16, R17
4
(ROHM) MCR03EZPFX2001
12
RESISTOR, 10K OHM, 1/10W, 1%
0603
R18, R19
2
(ROHM) MCR03EZPFX1002
13
RESISTOR, 0 OHM
0805
R4, R5
2
(ROHM) MCR10EZPJ000
14
OPEN
T1
1
15
TRANSFORMER, RF
T2
1
(MINI-CIRCUITS) ADT1-1WT+
16
JACK, BANANA RECEPTANCE, 0.25
" DIA. HOLE
J7, J8, J9
3
(SPC) 15459
17
OPEN
J1, J3, J4, J5, J6, J11
6
18
CONNECTOR, EDGE, SMA PCB JACK
J2, J10
2
(JOHNSON) 142-0701-801
19
HEADER, 0.1
" CTRS, 0.025" SQ. PINS
3 POS.
JP1
1
(SULLINS) PBC36SAAN
20
SHUNTS
JP1
1
(SULLINS) SSC02SYAN
21
TEST POINT, RED
TP1
1
(KEYSTONE) 5000
22
TEST POINT, BLACK
TP2, TP3
2
(KEYSTONE) 5001
23
IC, THS4531
U1
1
(TI) THS4531IDGK
24
STANDOFF, 4-40 HEX, 0.625
" LENGTH
4
(KEYSTONE) 1808
25
SCREW, PHILLIPS, 4-40, 0.250
"
4
PMSSS 440 0025 PH
26
BOARD, PRINTED CIRCUIT
1
(TI) EDGE# 6528462 REV.A
5
SLOU334
– January 2012
THS4531DGKEVM Evaluation Module
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com