Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLOU334 Datasheet(PDF) 1 Page - Texas Instruments

Part # SLOU334
Description  THS4531DGKEVM Evaluation Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLOU334 Datasheet(HTML) 1 Page - Texas Instruments

  SLOU334 Datasheet HTML 1Page - Texas Instruments SLOU334 Datasheet HTML 2Page - Texas Instruments SLOU334 Datasheet HTML 3Page - Texas Instruments SLOU334 Datasheet HTML 4Page - Texas Instruments SLOU334 Datasheet HTML 5Page - Texas Instruments SLOU334 Datasheet HTML 6Page - Texas Instruments SLOU334 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
User
's Guide
SLOU334
– January 2012
THS4531DGKEVM Evaluation Module
The THS4531DGKEVM is an evaluation module for the single THS4531 amplifier in the DGK [8-lead
VSSOP (MSOP)] package. This evaluation module is designed to quickly and easily demonstrate the
functionality and versatility of the amplifier. The EVM is ready to connect to power, signal source, and test
instruments through the use of onboard connectors. The EVM comes configured for easy connection with
common 50-
Ω laboratory equipment on its inputs and outputs. The amplifier is configured for single-ended
input with gain of 1 V/V to differential output at the device pins, which is converted to single-ended via a
transformer to the output. It can be easily configured for other functions, gains, and single- or split-supply
operation.
Contents
1
Features
...................................................................................................................... 1
2
EVM Specifications
......................................................................................................... 1
3
Power Connections
......................................................................................................... 2
3.1
Split-Supply Operation
............................................................................................ 2
3.2
Single-Supply Operation
.......................................................................................... 2
4
Input and Output Connections
............................................................................................ 2
5
THS4531DGKEVM Schematic, Layout, and Bill of Materials
......................................................... 3
5.1
Schematic
........................................................................................................... 3
5.2
THS4531DGKEVM Layers
....................................................................................... 4
5.3
Bill of Materials
..................................................................................................... 5
List of Figures
1
THS4531DGKEVM Schematic
............................................................................................ 3
2
THS4531DGKEVM Layers 1 Through 4
................................................................................. 4
List of Tables
1
THS4531DGKEVM Bill of Materials
...................................................................................... 5
1
Features
•
Configured for split-supply operation and easily modified for single supply
•
Default gain of 1 configuration can easily be reconfigured for other gains
•
Designed for easy connection to standard 50-
Ω input/output impedance test equipment
•
Inputs and outputs include SMA connectors
2
EVM Specifications
Single-supply voltage range (V
S
– = ground)
2.5 V to 5.5 V
V
S±
Split-supply voltage range
±1.25 V to ±2.75 V
I
S±
Supply current
250
µA
Input voltage
V
S±, Max
I
OUT
Output drive
±25 mA
1
SLOU334
– January 2012
THS4531DGKEVM Evaluation Module
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - SLOU334

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLOU330 TI1-SLOU330 Datasheet
3Mb / 18P
EVM Description
More results

Similar Description - SLOU334

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
EVALUATION MODULE
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
Evaluation module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
Evaluation Module
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
Evaluation Module
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com