Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVC16373AMDLREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC16373AMDLREP
Description  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC16373AMDLREP Datasheet(HTML) 2 Page - Texas Instruments

  CLVC16373AMDLREP Datasheet HTML 1Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 2Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 3Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 4Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 5Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 6Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 7Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 8Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
1OE
1LE
1D1
To Seven Other Channels
1Q1
C1
1D
1
48
47
2
2OE
2LE
2D1
To Seven Other Channels
2Q1
C1
1D
24
25
36
13
SN74LVC16373A-EP
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS825 – JUNE 2006
OE does not affect internal operations of the latch. Old data can be retained or new data can be entered while
the outputs are in the high-impedance state.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
INPUTS
OUTPUT
Q
OE
LE
D
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com