Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVC16373AMDLREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC16373AMDLREP
Description  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC16373AMDLREP Datasheet(HTML) 5 Page - Texas Instruments

  CLVC16373AMDLREP Datasheet HTML 1Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 2Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 3Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 4Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 5Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 6Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 7Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 8Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.ti.com
Operating Characteristics
SN74LVC16373A-EP
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS825 – JUNE 2006
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
32
35
39
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per latch
Outputs disabled
4
4
6
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com