Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLVC16373AMDLREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC16373AMDLREP
Description  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC16373AMDLREP Datasheet(HTML) 1 Page - Texas Instruments

  CLVC16373AMDLREP Datasheet HTML 1Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 2Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 3Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 4Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 5Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 6Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 7Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 8Page - Texas Instruments CLVC16373AMDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.ti.com
FEATURES
DESCRIPTION/
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q1
1Q2
GND
1Q3
1Q4
VCC
1Q5
1Q6
GND
1Q7
1Q8
2Q1
2Q2
GND
2Q3
2Q4
VCC
2Q5
2Q6
GND
2Q7
2Q8
2OE
1LE
1D1
1D2
GND
1D3
1D4
VCC
1D5
1D6
GND
1D7
1D8
2D1
2D2
GND
2D3
2D4
VCC
2D5
2D6
GND
2D7
2D8
2LE
DL PACKAGE
(TOP VIEW)
SN74LVC16373A-EP
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS825 – JUNE 2006
•
Member of the Texas Instruments Widebus™
Family
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 4.2 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce) <0.8 V
at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot) >2 V
at VCC = 3.3 V, TA = 25°C
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Supports Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 3.3-V VCC)
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)
ORDERING INFORMATION
This 16-bit transparent D-type latch is designed for
1.65-V to 3.6-V VCC operation.
The SN74LVC16373A is particularly suitable for
implementing buffer registers, I/O ports, bidirectional
bus drivers, and working registers. The device can
be used as two 8-bit latches or one 16-bit latch.
When the latch-enable (LE) input is high, the Q
outputs follow the data (D) inputs. When LE is taken
low, the Q outputs are latched at the levels set up at
the D inputs.
A buffered output-enable (OE) input can be used to
place the eight outputs in either a normal logic state
(high or low logic levels) or the high-impedance
state. In the high-impedance state, the outputs
neither load nor drive the bus lines significantly. The
high-impedance state and increased drive provide
the capability to drive bus lines without interface or
pullup components.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C SSOP – DL
Tape and reel
CLVC16373AMDLREP
LVC16373AMEP
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CLVC16373AMDLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC16244AIDGGREP TI1-CLVC16244AIDGGREP Datasheet
292Kb / 10P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CLVC16244AIDGGRQ1 TI1-CLVC16244AIDGGRQ1 Datasheet
125Kb / 8P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CLVC16244AIDGGRQ1 TI2-CLVC16244AIDGGRQ1 Datasheet
561Kb / 26P
SN74LVC16244A 16-Bit Buffer/Driver With 3-State Outputs
REVISED JUNE 2014
CLVC16244AIDGGRQ1 TI2-CLVC16244AIDGGRQ1 Datasheet
904Kb / 14P
16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
MAY 2005
CLVC16244AIDGGRQ1.B TI2-CLVC16244AIDGGRQ1.B Datasheet
561Kb / 26P
SN74LVC16244A 16-Bit Buffer/Driver With 3-State Outputs
REVISED JUNE 2014
More results

Similar Description - CLVC16373AMDLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVCH16373A TI-SN74LVCH16373A Datasheet
305Kb / 13P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com