Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5903PZP Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC5903PZP
Description  LED DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5903PZP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5903PZP Datasheet HTML 12Page - Texas Instruments TLC5903PZP Datasheet HTML 13Page - Texas Instruments TLC5903PZP Datasheet HTML 14Page - Texas Instruments TLC5903PZP Datasheet HTML 15Page - Texas Instruments TLC5903PZP Datasheet HTML 16Page - Texas Instruments TLC5903PZP Datasheet HTML 17Page - Texas Instruments TLC5903PZP Datasheet HTML 18Page - Texas Instruments TLC5903PZP Datasheet HTML 19Page - Texas Instruments TLC5903PZP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TLC5903
LED DRIVER
SLLS383 – DECEMBER 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
noise reduction (continued)
power supply
VCCLOG, VCCANA, and PVCC are supplied by a single power supply to minimize voltage differences between
these terminals.
The bypass capacitor is located between power supply and GND to eliminate the variation of power supply
voltage.
GND
Although GNDLOG, GNDANA, and GNDLED are internally tied together, these terminals should be externally
connected to reduce noise influence.
heat sink pad
The heat sink pad should be connected to GND to eliminate the noise influence since it is connected to the
bottom side of the IC chip. Also, the desired thermal effect is obtained by connecting this pad to the PCB pattern
with better thermal conductivity.
–20
25
85
0
1.40
3.2
4.7
2.4
0
TA – Free-Air Temperature – °C
NOTES: A. IC is mounted on PCB.
PCB size: 102
× 76 × 1.6 [mm3], four layers with internal two layer having plane. The thermal pad is soldered to PCB pattern of
10 mm2. For operation above 25
°C free-air temperature, derate linearly at the rate of 38.2 mW/°C.
VCCLOG = VCCANA = PVCC = 5 V, IOL(C) = 80 mA, ICC is typical value
B. Consider thermal characteristics when selecting the material for the PCB, since the temperature will rise around the thermal pad.
Figure 3. Power Rating – Free Temperature Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com