Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5903PZP Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC5903PZP
Description  LED DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5903PZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC5903PZP Datasheet HTML 11Page - Texas Instruments TLC5903PZP Datasheet HTML 12Page - Texas Instruments TLC5903PZP Datasheet HTML 13Page - Texas Instruments TLC5903PZP Datasheet HTML 14Page - Texas Instruments TLC5903PZP Datasheet HTML 15Page - Texas Instruments TLC5903PZP Datasheet HTML 16Page - Texas Instruments TLC5903PZP Datasheet HTML 17Page - Texas Instruments TLC5903PZP Datasheet HTML 18Page - Texas Instruments TLC5903PZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TLC5903
LED DRIVER
SLLS383 – DECEMBER 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Figure 1. WDT Operational Time
3000
300
33
3
0103
104
105
C1 – External Capacitor – pF
WDT Operational Time
T (ms)
≅ 3+0.03 × C1 (pF)
Figure 2. WDT Usage Example
TLC5903
WDT
WD_CAP
Scan Signal
C1
TSD (thermal shutdown)
When the junction temperature exceeds the limit, TSD functions and turns the constant current output off. When
TSD is used, TS_ENA is pulled high. When TSD is not used, TS_ENA is pulled low. To recover to normal
operation, the power supply is turned off or TS_ENA is pulled low.
noise reduction
concurrent switching noise reduction
The concurrent switching noise has the potential to occur when multiple outputs turn on or off at the same time.
To prevent this noise, the device has delay output terminals such as GSOUT, BOUT for GSCLK, and BLANK
respectively. Connecting these outputs to the GSCLK and BLANK terminals of the next stage IC allows
differences in the switching time between ICs to be made. When GSCLK is output to GSOUT through the device,
duty is changed, so that the number of stages to be connected will be limited to a maximum of 10 at
GSCLK = 4 MHz.
output slope
The on and off time of the constant current output at an output current of 80 mA is approximately 150 ns and
250 ns respectively. It is effective in reducing the concurrent switching noise that occurs when multiple outputs
turn on or off at the same time.
delay between constant current output
The constant current output has a delay time of approximately 5 ns by two outputs. This means approximately
35 ns delay time exists between OUT0 and OUT15. This time difference by delay is effective for reduction of
concurrent switching noise as well as output slope. This delay time has the same value at 8-bits or 16-bits
operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com