Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5903PZP Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC5903PZP
Description  LED DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5903PZP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5903PZP Datasheet HTML 10Page - Texas Instruments TLC5903PZP Datasheet HTML 11Page - Texas Instruments TLC5903PZP Datasheet HTML 12Page - Texas Instruments TLC5903PZP Datasheet HTML 13Page - Texas Instruments TLC5903PZP Datasheet HTML 14Page - Texas Instruments TLC5903PZP Datasheet HTML 15Page - Texas Instruments TLC5903PZP Datasheet HTML 16Page - Texas Instruments TLC5903PZP Datasheet HTML 17Page - Texas Instruments TLC5903PZP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TLC5903
LED DRIVER
SLLS383 – DECEMBER 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
frequency division ratio setting for GSCLK(clock for gray scale) – panel brightness adjustment
(continued)
CODE
FREQUENCY DIVISION RATIO
RELATIVE BRIGHTNESS RATIO
(%)
MSB 000 LSB†
1/1
12.5
001
1/2
25.0
010
1/3
37.5
011
1/4
50.0
100
1/5
62.5
101
1/6
75.0
110
1/7
87.5
111
1/8
100
† BC_ENA is low.
constant output current operation
The constant current output turns on (sink constant current) if all the gray scale data latched into the gray scale
latch is not zero on the falling edge of GCLK after the next rising edge of GCLK when BLANK goes from high
to low. After that, the number of the falling edge is counted by the 8-bit gray scale counter. Output counted that
corresponds to the gray scale data is turned off (stop to sink constant current). If the shift register for gray scale
is updated during LATCH high, data on the gray scale data latch is also updated, affecting the number of gray
scale constant current output. Accordingly, during the on state of constant current output, LATCH is kept to low
and the gray scale data latch is held. When unconnected constant current output terminals exist, the operation
is complete after writing zero (data for LED turn off) to the corresponding gray scale data latch. If this action is
not completed, the supply current (I(PVCC)) in the constant current driver portion increases.
protection
This device incorporates WDT and TSD functions. In the WDT or TSD functions, the current output is stopped
(Logic portion is still operating). By monitoring the DOWN terminal, these failures are detected immediately.
Since DOWN output is configured as an open collector, outputs of multiple ICs are brought together.
WDT
When the scan signal is stopped during a fixed period in the dynamic scanning operation, the constant current
output is turned off, preventing the LED from burning damage. The time detected can be set using the external
capacitor(C1). The typical value is approximately 3 ms without a capacitor, 33 ms with a 1000 pF capacitor, and
300 ms with a 0.01
µF capacitor. Once the scan signal is applied again, the abnormal status is released and
normal operation is resumed. During static operation, the WDT function is disabled, connecting WD_CAP to
GND. The scan signal should be applied to the WDT terminal even though the WDT function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com