Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CPWR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV5633CPWR
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5633CPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV5633CPWR Datasheet HTML 5Page - Texas Instruments TLV5633CPWR Datasheet HTML 6Page - Texas Instruments TLV5633CPWR Datasheet HTML 7Page - Texas Instruments TLV5633CPWR Datasheet HTML 8Page - Texas Instruments TLV5633CPWR Datasheet HTML 9Page - Texas Instruments TLV5633CPWR Datasheet HTML 10Page - Texas Instruments TLV5633CPWR Datasheet HTML 11Page - Texas Instruments TLV5633CPWR Datasheet HTML 12Page - Texas Instruments TLV5633CPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
0.1
0.05
0
0
0.5
1
1.5
2
2.5
3
0.15
0.2
0.25
3.5
4
4.5
Load Current - mA
Fast Mode, Sink
Slow Mode, Sink
AVDD = 5 V,
Vref = Int. 2 V,
Input Code = 0x000
0.1
0.05
0
0
0.5
1
1.5
2
2.5
3
0.15
0.2
0.25
3.5
4
4.5
Load Current - mA
Fast Mode, Sink
Slow Mode, Sink
AVDD = 3 V,
Vref = Int. 1 V,
Input Code = 0x000
-40
-60
-80
-100
100
1000
-30
-10
f - Frequency - Hz
0
10000
100000
-20
-50
-70
-90
Slow Mode
Fast Mode
AVDD = 5 V,
REF = 1 V dc + 1 V pp Sinewave,
Output Full Scale
-40
-60
-80
-100
100
1000
-30
-10
f - Frequency - Hz
0
10000
100000
-20
-50
-70
-90
Slow Mode
Fast Mode
AVDD = 5 V,
REF = 1 V dc + 1 V pp Sinewave,
Output Full Scale
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
MINIMUM OUTPUT VOLTAGE
MINIMUM OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 8.
Figure 9.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION AND NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com