Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV5633CPWR
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5633CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV5633CPWR Datasheet HTML 10Page - Texas Instruments TLV5633CPWR Datasheet HTML 11Page - Texas Instruments TLV5633CPWR Datasheet HTML 12Page - Texas Instruments TLV5633CPWR Datasheet HTML 13Page - Texas Instruments TLV5633CPWR Datasheet HTML 14Page - Texas Instruments TLV5633CPWR Datasheet HTML 15Page - Texas Instruments TLV5633CPWR Datasheet HTML 16Page - Texas Instruments TLV5633CPWR Datasheet HTML 17Page - Texas Instruments TLV5633CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.ti.com
TLV5633 INTERFACED to an Intel MCS
®51 Controller
P2 A(15-8)
P0 AD(7-0)
ALE
WR
D(7-0)
A
B
C
G1
G2A
G2B
A(1-0)
D(7-0)
CS
WE
REF
A(15-0)
AD(7-0)
CS(7-0)
DVDD
DVDD
8
8
8
16
8
8
RL
74AC373
8xC51
74AC138
TLV5633
A15
A2
A3
A4
2
Q(7-0)
Y(7-0)
G2A
SPD
PWR
LDAC
LE
OE
OUT
To Other Devices Requiring
Voltage Reference
P3.5
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
The circuit in Figure 15 shows how to interface the TLV5633 to an Intel MCS®51 microcontroller. The address
bus and the data bus of the controller are multiplexed on port 0 (non page mode) to save port pins. To separate
the address bits and the data bits, the controller provides a dedicated signal, address latch enable (ALE), which
is connected to a latch at port 0.
An address decoder is required to generate the chip select signal for the TLV5633. In this example, a simple
3-to-8 decoder (74AC138) is used for the interface as shown in Figure 15. The DAC is memory mapped at
addresses 0x8000/1/2/3 within the data memory address space and mirrored every 32 address locations
(0x8020/1/2/3, 0x8040/1/2/3, etc.). In a typical microcontroller system, programmable logic should be used to
generate the chip select signals for the entire system.
The data pins and the WE pin of the TLV5633 can be connected directly to the multiplexed address and data
bus and the WR signal of the controller.
The application uses the TLV5633 device's internal reference at 2.048 V. The LDAC pin is connected to P3.5
and is used to update the DAC after both data bytes have been written.
Figure 15. TLV5633 Interfaced to an Intel MCS®51 Controller
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com