Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CPWR Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV5633CPWR
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5633CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV5633CPWR Datasheet HTML 7Page - Texas Instruments TLV5633CPWR Datasheet HTML 8Page - Texas Instruments TLV5633CPWR Datasheet HTML 9Page - Texas Instruments TLV5633CPWR Datasheet HTML 10Page - Texas Instruments TLV5633CPWR Datasheet HTML 11Page - Texas Instruments TLV5633CPWR Datasheet HTML 12Page - Texas Instruments TLV5633CPWR Datasheet HTML 13Page - Texas Instruments TLV5633CPWR Datasheet HTML 14Page - Texas Instruments TLV5633CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
APPLICATION INFORMATION
GENERAL FUNCTION
2 REF
CODE
0 1000
[V]
PARALLEL INTERFACE
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
The TLV5633 is a 12-bit, single supply DAC, based on a resistor string architecture. It consists of a parallel
interface, a speed and power down control logic, a programmable internal reference, a resistor string, and a
rail-to-rail output buffer. The output voltage (full scale determined by reference) is given by:
Where REF is the reference voltage and CODE is the digital input value in the range 0x000 to 0xFFF. A power
on reset initially puts the internal latches to a defined state (all bits zero).
The device latches data on the positive edge of WE. It must be enabled with CS low. Whether the data is written
to one of the DAC holding latches (MSW, LSW) or the control register depends on the address bits A1 and A0.
LDAC low updates the DAC with the value in the holding latch. LDAC is an asynchronous input and can be held
low, if a separate update is not necessary. However, to control the DAC using the load feature, there should be
approximately a 5 ns delay after the positive WE edge before driving LDAC low. Two more asynchronous inputs,
SPD and PWR control the settling times and the power-down mode:
SPD:
Speed control
1
→ fast mode
0
→ slow mode
PWR:
Power control
1
→ normal operation
0
→ power down
It is also possible to program the different modes (fast, slow, power down) and the DAC update latch using the
control register. The following tables list the possible combinations of control signals and control bits.
PIN
BIT
MODE
SPD
SPD
0
0
Slow
0
1
Fast
1
0
Fast
1
1
Fast
PIN
BIT
POWER
PWR
PWD
0
0
Down
0
1
Down
1
0
Normal
1
1
Down
PIN
BIT
LATCH
LDAC
RLDAC
0
0
Transparent
0
1
Transparent
1
0
Hold
1
1
Transparent
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com