Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM16ER72LP Datasheet(PDF) 6 Page - Texas Instruments

Part # TM16ER72LP
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16ER72LP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TM16ER72LP Datasheet HTML 2Page - Texas Instruments TM16ER72LP Datasheet HTML 3Page - Texas Instruments TM16ER72LP Datasheet HTML 4Page - Texas Instruments TM16ER72LP Datasheet HTML 5Page - Texas Instruments TM16ER72LP Datasheet HTML 6Page - Texas Instruments TM16ER72LP Datasheet HTML 7Page - Texas Instruments TM16ER72LP Datasheet HTML 8Page - Texas Instruments TM16ER72LP Datasheet HTML 9Page - Texas Instruments TM16ER72LP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TM16ER72HP 16777216 BY 72BIT
TM16ER72LP 16777216 BY 72BIT
EXTENDEDDATAOUT BUFFERED DYNAMIC RAM MODULES
SMMS694 − AUGUST 1997
6
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted)
TM16ER72HP
PARAMETER
TEST CONDITIONS†
’16ER72HP-40
’16ER72HP-50
’16ER72HP-60
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
IOH = − 2 mA
LVTTL
2.4
2.4
2.4
V
VOH
High-level output
voltage
IOH = − 100 µA
LVCMOS
VDD −0.2
VDD −0.2
VDD −0.2
V
VOL
Low-level output
IOL = 2 mA
LVTTL
0.4
0.4
0.4
V
VOL
Low-level output
voltage
IOL = 100 µA
LVCMOS
0.2
0.2
0.2
V
II
Input current
(leakage)
VDD = 3.6 V,
VI = 0 V to 3.9 V,
All others = 0 V to VCC
± 20
± 20
± 20
µA
IO
Output current
(leakage)
VDD = 3.6 V,
VO = 0 V to VDD,
CASx high
± 20
± 20
± 20
µA
ICC1‡§
Average read- or
write-cycle
current
VDD = 3.6 V,
Minimum cycle
2 880
2 340
1 980
mA
ICC2
Average standby
VIH = 2 V (LVTTL),
After one memory cycle,
RASx and CASx high
18
18
18
mA
ICC2
Average standby
current
VIH = VDD − 0.2 V (LVCMOS),
After one memory cycle,
RASx and CASx high
9
9
9
mA
ICC3‡§
Average refresh
current
(RAS-only
refresh or CBR)
VDD = 3.6 V,
Minimum cycle,
RASx cycling,
CASx high (RASx-only refresh),
RASx low after CASx low (CBR)
2 880
2 340
1 980
mA
ICC4‡¶
Average EDO
current
VDD = 3.6 V,
tHPC = MIN,
RASx low,
CASx cycling
2 700
2 160
1 800
mA
ICC5
Average CBR
refresh current
VDD = 3.6 V,
Minimum cycle,
RASx low after CASx low
2 880
2 340
1 980
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RASx = VIL
¶ Measured with a maximum of one address change during each EDO cycle, tHPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com