Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM16ER72LP Datasheet(PDF) 1 Page - Texas Instruments

Part # TM16ER72LP
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16ER72LP Datasheet(HTML) 1 Page - Texas Instruments

  TM16ER72LP Datasheet HTML 1Page - Texas Instruments TM16ER72LP Datasheet HTML 2Page - Texas Instruments TM16ER72LP Datasheet HTML 3Page - Texas Instruments TM16ER72LP Datasheet HTML 4Page - Texas Instruments TM16ER72LP Datasheet HTML 5Page - Texas Instruments TM16ER72LP Datasheet HTML 6Page - Texas Instruments TM16ER72LP Datasheet HTML 7Page - Texas Instruments TM16ER72LP Datasheet HTML 8Page - Texas Instruments TM16ER72LP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TM16ER72HP 16777216 BY 72BIT
TM16ER72LP 16777216 BY 72BIT
EXTENDEDDATAOUT BUFFERED DYNAMIC RAM MODULES
SMMS694 − AUGUST 1997
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Organization
− TM16ER72HP-xx ...16 777 216
× 72 Bits
− TM16ER72LP-xx ...16 777 216
× 72 Bits
D Single 3.3-V Power Supply
(
±10% Tolerance)
D JEDEC 168-Pin Dual-In-Line Memory
Module (DIMM) With Buffer for Use With
Socket
D TM16ER72xP-xx — Uses 18 64M-Bit
High-Speed (16M
×4-Bit) Dynamic RAMs
D High-Speed, Low-Noise LVTTL Interface
D High-Reliability 32-Lead 400-Mil-Wide
Surface-Mount Thin Small-Outline Package
(TSOP) (DGE Suffix)
D Intended for Workstation/Server
Applications
D Long Refresh Periods:
− TM16ER72HP: 64 ms (4 096 Cycles)
− TM16ER72LP: 64 ms (8 192 Cycles)
D 3-State Output
D Extended-Data-Out (EDO) Operation With
CAS-Before-RAS (CBR), RAS-Only, and
Hidden Refresh
D Ambient Temperature Range
0
°C to 70°C
D Gold-Plated Contacts
D Performance Ranges
ACCESS
ACCESS ACCESS
EDO
TIME
TIME
TIME
CYCLE
tRAC
tCAC
tAA
tHPC
(MAX)
(MAX)
(MAX)
(MIN)
’16ER72xx-40
40 ns
11 ns
20 ns
16 ns
’16ER72xx-50
50 ns
13 ns
25 ns
20 ns
’16ER72xx-60
60 ns
15 ns
30 ns
25 ns
description
The TM16ER72HP is a 128M-byte, 168-pin, buffered dual-in-line memory module (DIMM). The DIMM is
composed of eighteen TMS465409, 16 777 216
× 4-bit 4K-refresh EDO dynamic random-access memories
(DRAMs), each in a 400-mil, 32-pin plastic thin small-outline package (TSOP) (DGE suffix), and two
SN74LVC162244 16-bit buffers, each in a 48-lead plastic TSOP package mounted on a substrate with
decoupling capacitors. See the TMS465409 data sheet (literature number SMKS895).
The TM16ER72LP is a 128M-byte, 168-pin, buffered DIMM. The DIMM is composed of eighteen TMS464409,
16 777 216
× 4-bit 8K-refresh EDO DRAMs, each in a 400-mil, 32-pin plastic TSOP (DGE suffix), and two
SN74LVC162244 16-bit buffers, each in a 48-lead plastic TSOP package mounted on a substrate with
decoupling capacitors. See the TMS465409 data sheet (literature number SMKS895).
These modules are intended for multimodule workstation / server applications where buffering is needed for
address and control signals. Two copies of address 0 (A0 and B0) are defined to allow maximum performance
for 4-byte applications that interleave between two 4-byte banks. A0 is common to the DRAMs used for
DQ0−DQ31, while B0 is common to the DRAMs used for DQ32−DQ63.
operation
The TM16ER72xP operates as eighteen TMS46x409s that are connected as shown in the TM16ER72xP
functional block diagram.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1997, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - TM16ER72LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64LPU TI1-TM16EN64LPU Datasheet
350Kb / 21P
SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN72HPU TI1-TM16EN72HPU Datasheet
350Kb / 21P
SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN72LPU TI1-TM16EN72LPU Datasheet
350Kb / 21P
SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM16ER72LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com