Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM16ER72LP Datasheet(PDF) 9 Page - Texas Instruments

Part # TM16ER72LP
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16ER72LP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TM16ER72LP Datasheet HTML 5Page - Texas Instruments TM16ER72LP Datasheet HTML 6Page - Texas Instruments TM16ER72LP Datasheet HTML 7Page - Texas Instruments TM16ER72LP Datasheet HTML 8Page - Texas Instruments TM16ER72LP Datasheet HTML 9Page - Texas Instruments TM16ER72LP Datasheet HTML 10Page - Texas Instruments TM16ER72LP Datasheet HTML 11Page - Texas Instruments TM16ER72LP Datasheet HTML 12Page - Texas Instruments TM16ER72LP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TM16ER72HP 16777216 BY 72BIT
TM16ER72LP 16777216 BY 72BIT
EXTENDEDDATAOUT BUFFERED DYNAMIC RAM MODULES
SMMS694 − AUGUST 1997
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
ac timing requirements (see Note 3)
’16ER72xP-40
’16ER72xP-50
’16ER72xP-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Cycle time, random read or write
69
84
104
ns
tRWC
Cycle time, read-write
97
116
140
ns
tRASP
Pulse duration, RASx active, fast page mode (see Note 6)
40
100 000
50
100 000
60
100 000
ns
tRAS
Pulse duration, RASx active, non-page mode (see Note 6)
40
10 000
50
10 000
60
10 000
ns
tRP
Pulse duration, RASx precharge
25
30
40
ns
tWP
Pulse duration, write command
7
9
11
ns
tRASS
Pulse duration, RASx active, self-refresh (see Note 9)
7
9
11
ns
tRPS
Pulse duration, RASx precharge after self-refresh
7
9
11
ns
tASC
Setup time, column address
0
0
0
ns
tASR
Setup time, row address
5
5
5
ns
tDS
Setup time, data in (see Note 7)
5
5
5
ns
tRCS
Setup time, read command
0
0
0
ns
tCWL
Setup time, write command before CASx precharge
7
9
11
ns
tRWL
Setup time, write command before RASx precharge
8
10
12
ns
tWCS
Setup time, write command before CASx active
(early-write only)
0
0
0
ns
tWRP
Setup time, WEx high before RAS low (CBR refresh only)
7
7
7
ns
tWTS
Setup time, WEx low before RAS low (test mode only)
7
7
7
ns
tCSR
Setup time, CASx referenced to RASx ( CBR refresh only )
3
3
3
ns
tCAH
Hold time, column address
12
8
10
ns
tDH
Hold time, data in (see Note 7)
11
13
15
ns
tRAH
Hold time, row address
4
6
8
ns
tRCH
Hold time, read command referenced to CASx (see Note 8)
0
0
0
ns
tRRH
Hold time, read command referenced to RASx (see Note 8)
− 2
− 2
− 2
ns
tWCH
Hold time, write command during CASx active ( early-write only )
7
9
11
ns
tROH
Hold time, RASx referenced to OEx
6
8
10
ns
tWRH
Hold time, WEx high after RAS low (CBR refresh)
8
10
12
ns
tWTH
Hold time, WEx low after RAS low (test mode only)
8
10
12
ns
tCHR
Hold time, CASx referenced to RASx ( CBR refresh only )
4
6
8
ns
tOEH
Hold time, OEx command
12
14
16
ns
tCHS
Hold time, CASx active after RASx precharge (self-refresh)
12
14
16
ns
tRHCP
Hold time, RASx active from CASx precharge
27
33
40
ns
tAWD
Delay time, column address to write command ( read-write only )
34
41
48
ns
tCPW
Delay time, WEx low after CASx precharge (read-write only)
37
45
54
ns
tCRP
Delay time, CASx precharge to RASx
3
3
3
ns
tCWD
Delay time, CASx to write command ( read-write only )
31
35
39
ns
tOED
Delay time, OEx to data in
13
15
17
ns
tRAD
Delay time, RASx to column address (see Note 9)
12
30
8
20
10
25
ns
NOTES:
3. With ac parameters, it is assumed that tT = 2 ns.
6. In a read-write cycle, tRWD and tRWL must be observed.
7. Referenced to the later of CASx or WEx in write operations
8. Either tRCH or tRRH must be satisfied for a read cycle.
9. The maximum value is specified only to ensure access time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com