Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500A Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETA1500A
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500A Datasheet(HTML) 5 Page - Texas Instruments

  TNETA1500A Datasheet HTML 1Page - Texas Instruments TNETA1500A Datasheet HTML 2Page - Texas Instruments TNETA1500A Datasheet HTML 3Page - Texas Instruments TNETA1500A Datasheet HTML 4Page - Texas Instruments TNETA1500A Datasheet HTML 5Page - Texas Instruments TNETA1500A Datasheet HTML 6Page - Texas Instruments TNETA1500A Datasheet HTML 7Page - Texas Instruments TNETA1500A Datasheet HTML 8Page - Texas Instruments TNETA1500A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TNETA1500A
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS042A – AUGUST 1997 – REVISED JANUARY 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmit operation (continued)
Table 1. Transmit Transport-Overhead and Path-Overhead Bytes
OVERHEAD BYTE
SONET FRAME
VALUE WHEN
SDHENABLE = LOW
SDH FRAME
VALUE WHEN
SDHENABLE = HIGH
A1
1111 0110 (F6h)
1111 0110 (F6h)
A2
0010 1000 (28h)
0010 1000 (28h)
C1 bytes
01 02 03 (h)
01 00 00 (h)
B1
B2
Calculated
Calculated
B3
First H1
0110 0010 (62h)
0110 1010 (6Ah)
Second H1 (H1*)
1001 0011 (93h)
1001 1011 (9Bh)
Third H1 (H1*)
1001 0011 (93h)
1001 1011 (9Bh)
First H2
0000 1010 (0Ah)
0000 1010 (0Ah)
Second H2 (H2*)
1111 1111 (FFh)
1111 1111 (FFh)
Third H2 (H2*)
1111 1111 (FFh)
1111 1111 (FFh)
Three H3 bytes
0000 0000 (00h)
0000 0000 (00h)
First K2
Normal operation: 0000 0000
Line FERF: 0000 0110
Normal operation: 0000 0000
Line FERF: 0000 0110
Third Z2
B2 error count:
0000 0000–0001 1000
B2 error count:
0000 0000–0001 1000
J1
0000 0000
0000 0000
C2
0001 0011
0001 0011
G1
Bits 1–4
B3 error count:
0000–1000
Path FERF:
1001
B3 error count:
0000–1000
Path FERF:
1001
G1
Bit 5
Path RDI: 1
Path RDI: 1
Bits 6–8
000
000
H4
0000 0000
0000 0000
Before transmission, the STS-3c frame is scrambled using a generating polynomial of x7 + x6 + 1. The A1, A2,
and C1 overhead bytes are not scrambled, and the scrambler is reset to 1111111 on the most-significant bit of
the byte immediately following the third C1 byte. The scrambler runs continuously throughout the complete
STS-3c frame.
After the STS-3c frame has been scrambled, the bytes are converted to a serial-data stream using a
parallel-to-serial converter. An APLL is used to generate the 155.52-MHz output clock from a 19.44-MHz
oscillator connected to TXREFCK. Two other sources can be used for the 155.52-MHz clock. CKGENBP and
CLKLOOP are used to select either a 155.52-MHz external clock source or the clock recovered from the
incoming serial-data stream APLL (loop timing). The functions for selecting the transmit-clock source are shown
in Table 2. The clock-generation APLL requires that an external 0.01-
µF capacitor be connected from CGCAP
to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com