Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500A Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETA1500A
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETA1500A Datasheet HTML 2Page - Texas Instruments TNETA1500A Datasheet HTML 3Page - Texas Instruments TNETA1500A Datasheet HTML 4Page - Texas Instruments TNETA1500A Datasheet HTML 5Page - Texas Instruments TNETA1500A Datasheet HTML 6Page - Texas Instruments TNETA1500A Datasheet HTML 7Page - Texas Instruments TNETA1500A Datasheet HTML 8Page - Texas Instruments TNETA1500A Datasheet HTML 9Page - Texas Instruments TNETA1500A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TNETA1500A
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS042A – AUGUST 1997 – REVISED JANUARY 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive operation (continued)
The TNETA1500A provides loss-of-signal (LOS), out-of-frame (OOF), and loss-of-frame (LOF) alarms in
accordance with BellCore specification TR-NWT-000253, Issue 2, December 1991. The LOS alarm goes active
when no transitions are detected on the receive serial data for 3.3
µs. The LOS alarm goes inactive when two
consecutive framing patterns have been detected, and during the intervening time (one frame time), no
transitionless 3.3-
µs period is detected. The OOF alarm goes active when four consecutive-errored framing
patterns are received. The OOF alarm clears when two successive error-free framing patterns are received.
If the OOF condition fails to clear within 3 ms, the LOF alarm goes active. The LOF alarm goes inactive when
eight consecutive error-free SONET frames are identified. The LOS, OOF, and LOF alarms are indicated by
external signals and by setting a bit in the interrupt registers. This causes INTR of the controller interface to go
active low, signaling an interrupt.
After the SONET frame is established and the serial data converted to byte-wide data, the B1 BIP-8 parity is
calculated over the scrambled SONET frame. This value is compared with the value of B1 contained in the next
(n + 1) frame. The value of B1 calculated over the previous frame (n – 1) is compared to the value B1 in this
frame (frame n). If the two values do not match, B1ERR goes active, denoting that a B1 parity error has occurred.
In addition, the B1 parity-error bit in the interrupt register is set and INTR goes active low.
Next, the SONET frame is unscrambled (except for the A1, A2, and C1 bytes, which were not scrambled by the
transmitter). The B2 BIP-24 value is calculated over all the bits of the line overhead and the STS-3c envelope
capacity and compared to the value contained in the next frame. If a B2 parity error occurs, the B2 parity-error
bit in the interrupt register is set and INTR goes active low to notify the controller that a parity error has occurred.
The TNETA1500A monitors the receive K2 byte for line alarm-indication signal (LAIS) and line far-end receive
failure (LFERF) alarms. A LAIS alarm occurs when bits 6–8 of the receive K2 byte are set to a value of 111 for
five consecutive frames. The LAIS alarm goes inactive when bits 6–8 of the receive K2 byte are set to any value
other than 111 for five consecutive frames. The LFERF alarm goes active when bits 6–8 of the receive K2 byte
are set to a value of 110 for five consecutive frames. The LFERF alarm goes inactive when bits 6–8 of the receive
K2 byte are set to any value other than 110 for five consecutive frames. Both the LAIS and LFERF alarms are
indicated on an external terminal and by setting a bit in interrupt register 2.
The location of the J1 byte in the SPE is determined from the H1 and H2 bytes in the TOH. The location of the
J1 byte does not change from the previous frame unless the first four bits of H1 are set to 1001 (the new-data
flag) or the pointer value contained in H1 and H2 is different for three consecutive frames. The location of J1
also can be incremented or decremented by a 1-byte position by inverting certain bits in the H1 and H2 byte
pointer. If bits 7, 9, 11, 13, and 15 are inverted, the location of J1 is incremented one time slot. If bits 8, 10, 12,
14, and 16 are inverted, the location of J1 is decremented one time slot. Subsequent pointers contain the
new offset.
The TNETA1500A provides a loss-of-pointer (LOP) alarm to indicate that either an invalid pointer was detected
in the incoming H1 and H2 bytes or a new-data flag (NDF) (set to a value of 1001 — the first four bits of H1)
was found in eight consecutive frames. The LOP alarm goes inactive when a valid pointer with the NDF set to
0110 is detected in three consecutive frames. The device also provides a path-AIS alarm to indicate that a
path-AIS condition has been detected in the H1 and H2 bytes. A path-AIS condition is detected as an all-1s
condition in bytes H1 and H2 for three consecutive frames. The path-AIS alarm goes inactive when a valid
pointer, with the NDF set to 0110, is detected for three consecutive frames. The LOP alarm is not set if a path-AIS
condition is detected. The LOP alarm is indicated by an external signal and by the interrupt register. The
path-AIS alarm is indicated only by the interrupt register.
The B3 BIP-8 byte is calculated over the contents of the STS-3c SPE, which begins with the J1 byte. The value
calculated for B3 is compared with the value found in the next frame. If a B3 parity error occurs, the B3
parity-error bit is set in the interrupt register and INTR goes active low to notify the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com