Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500A Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETA1500A
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500A Datasheet(HTML) 1 Page - Texas Instruments

  TNETA1500A Datasheet HTML 1Page - Texas Instruments TNETA1500A Datasheet HTML 2Page - Texas Instruments TNETA1500A Datasheet HTML 3Page - Texas Instruments TNETA1500A Datasheet HTML 4Page - Texas Instruments TNETA1500A Datasheet HTML 5Page - Texas Instruments TNETA1500A Datasheet HTML 6Page - Texas Instruments TNETA1500A Datasheet HTML 7Page - Texas Instruments TNETA1500A Datasheet HTML 8Page - Texas Instruments TNETA1500A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TNETA1500A
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS042A – AUGUST 1997 – REVISED JANUARY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single-Chip Receiver/Transmitter for
Transporting 53-Byte Asynchronous
Transport Mode (ATM) Cells Via
STS-3c/STM-1 Frame (155.52 Mbit/s)
D On-Chip Analog Phase-Locked Loop
(APLL) Provides:
– Recovery of Receive Clock From
Incoming Serial-Data Stream
– Transmit Clock Generation From
External 19.44-MHz Clock Source
D Inserts and Extracts ATM Cells Into/From
SONET/SDH STS-3c/STM-1 SPE
D Detects Multiple-Bit Errors and Corrects
Single-Bit Errors in the 5-Byte ATM
Headers of Incoming ATM Cells
D Generates Alarms for:
– Loss of Incoming Serial Signal (LOS)
– Out of Frame (OOF)
– Loss of Frame (LOF)
– B1-Byte Parity Error (B1ERR)
– Loss of ATM Cell Alignment (LOCA)
– Line Far-End Receive Failure (LFERF)
– Receive Loss of Pointer (LOP)
– Line Alarm Indication Signal (LAIS)
D Meets ATM Forum ATM User-Network
Interface Specification Requirement
D Package Options Include 144-Pin Plastic
Quad Flat (PCM) and 144-Pin Thin Quad
Flat (PGE) Packages
description
The synchronous optical network (SONET)/synchronous digital hierarchy (SDH) asynchronous transport mode
(ATM) line-interface receiver/ transmitter provides a single-chip implementation for transporting ATM cells over
the SONET/SDH network at the STS-3c/STM-1 rate of 155.52 Mbits/s. This device provides all the functionality
required to insert and extract 53-byte ATM cells into/from an STS-3c/STM-1 synchronous payload envelope
(SPE), including clock recovery and clock generation using analog phase-locked loops (APLL).
On the receive side, the TNETA1500A accepts 155.52-Mbit/s serial data, recovers the embedded clock signal,
performs SONET/SDH frame alignment and serial-to-parallel conversion, identifies the SONET/SDH payload,
and establishes the ATM-cell boundaries. The ATM cells are extracted from the payload, descrambled, and
passed to the receive output FIFO for output to the next device (i.e., a reassembly device). On the transmit side,
complete 53-byte ATM cells are placed in the transmit input FIFO, scrambled, and inserted into an
STS-3c/STM-1 SPE. The SONET/SDH frame is scrambled and converted to a serial-data stream for output.
An APLL is used to generate the 155.52-MHz output clock from a low-speed 19.44-MHz oscillator, eliminating
the need for a high-speed 155.52-MHz oscillator.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TNETA1500A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500PCM TI1-TNETA1500PCM Datasheet
419Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500PGE TI1-TNETA1500PGE Datasheet
419Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
More results

Similar Description - TNETA1500A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
SONET/SDH TRANSMITTER & RECIEVER
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
SONET/SDH TRANSMITTER & RECEIVER
logo
PMC-Sierra, Inc
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5352 PMC-PM5352 Datasheet
57Kb / 2P
155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
AX??ATM-SONET/SDH Transceiver
November 29, 1999
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
PMC-Sierra, Inc
PM5352-1 PMC-PM5352-1 Datasheet
57Kb / 2P
155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com