Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS1821 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AS1821
Description  10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS1821 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS1821 Datasheet HTML 1Page - Texas Instruments SN74AS1821 Datasheet HTML 2Page - Texas Instruments SN74AS1821 Datasheet HTML 3Page - Texas Instruments SN74AS1821 Datasheet HTML 4Page - Texas Instruments SN74AS1821 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VOL
V
SN74AS1821
10BIT BUS INTERFACE FLIPFLOPS WITH 3STATE OUTPUTS
SDAS131 − APRIL 1987
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
absolute maximum ratings over operating free-air temperature range (uness otherwise noted)
Supply voltage, VCC
7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply Voltage
4.5
5
5.5
V
VIH
High-level input voitage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output current
−24
mA
IOL
Low-level output current
48
mA
tw
Pulse duration, CLK high or low
8
ns
tsu
Setup time, data before CLK
↑
6
ns
th
Hold time, data after CLK
↑
0
ns
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V
II = −18 mA
−1.2
V
VCC = 4.5 V to 5.5 V,
IOH = −2mA
VCC−2
VOH
VCC = 4.5 V,
IOH = −15 mA
2.4
3.2
V
VCC = 4.5 V,
IOH = −24 mA
2
VCC = 4.5 V,
IOL = 32 mA
VCC = 4.5 V,
IOL = 48 mA
0.35
0.5
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
−50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IL
VCC = 5.5 V,
VI = 0.4 V
0.5
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−30
−112
mA
Outputs high
55
88
ICC
VCC 5.5 V
Outputs low
68
09
mA
Outputs disabled
70
113
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, I[OS]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com