Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS1821 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AS1821
Description  10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS1821 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS1821 Datasheet HTML 1Page - Texas Instruments SN74AS1821 Datasheet HTML 2Page - Texas Instruments SN74AS1821 Datasheet HTML 3Page - Texas Instruments SN74AS1821 Datasheet HTML 4Page - Texas Instruments SN74AS1821 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74AS1821
10BIT BUS INTERFACE FLIPFLOPS WITH 3STATE OUTPUTS
SDAS131 − APRIL 1987
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
1987, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard
warranty. Production processing does not necessarily include testing of all
parameters.
• Center V
CC and GND Configuration Provides
Minimum Lead Inductance in High Current
Switching Applications
• Provides Extra Data Width Necessary for Wider
Address/Data Paths or Buses with Parity
• Outputs Have Undershoot Protection Circuitry
• Power-Up High-Impedance State
• Package Options include Plastic DIPS. Use the
’AS821 for Plastic and Ceramic Chip Carriers
and “Small Outline” Package Options.
• Buffered Control inputs to Reduce DC Loading
Effects
description
This 10-bit flip-flop device features three-state
outputs designed specifically for driving highly
capacitive or relatively low-impedance loads. It is
particularly suitable for implementing wider buffer
registers, I/O ports, bidirectional bus drivers with
parity, and working registers. The ten flip-flops are
edge-triggered D-type flip-flops. On the positive
transition of the clock, the Q outputs on the
’AS1821 will be true.
A buffered output-control input can be used to
place the ten outputs in either a normal logic state
(high or low levels) or a high-impedance state. In
the high-impedance state the outputs neither load
nor drive the bus lines significantly.
The
high-impedance state and increased drive provide
the capability to drive the bus lines in a
bus-organized system without need for interface
or pull-up components. The output control (OC)
does not affect the internal operation of the
flipflops. Old data can be retained or new data can
be entered while the outputs are in the
high-impedance state.
The SN74AS1821 is characterized for operation
from 0
°C to 70°C.
NT PACKAGE
(TOP VIEW)
FUNCTION TABLE
(each flip-flop)
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
INPUTS
OUTPUT
LH
X
DQ
CLK
OC
QO
↑
Z
H
L
↑
L
HX
L
LL
X
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
5Q
4Q
3Q
2Q
1Q
VCC
OC
1D
2D
3D
4D
5D
6Q
7Q
8Q
9Q
10Q
CLK
GND
10D
9D
8D
7D
6D
10Q
9Q
8Q
7Q
6Q
5Q
4Q
3Q
2Q
1Q
(20)
(21)
(22)
(23)
(24)
(1)
(2)
(3)
(4)
(5)
10D
9D
8D
7D
6D
5D
4D
3D
2D
1D
CLK
OC
(17)
(16)
(15)
(14)
(13)
(12)
(11)
(10)
(9)
(8)
(19)
(7)
1D
C1
EN


Similar Part No. - SN74AS1821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS1804 TI-SN74AS1804 Datasheet
69Kb / 4P
HEX 2-INPUT NAND DRIVER
SN74AS1804 TI-SN74AS1804 Datasheet
59Kb / 4P
HEX 2-INPUT NAND DRIVERS
SN74AS1804DW TI-SN74AS1804DW Datasheet
69Kb / 4P
HEX 2-INPUT NAND DRIVER
SN74AS1804N TI-SN74AS1804N Datasheet
69Kb / 4P
HEX 2-INPUT NAND DRIVER
SN74AS1805 TI-SN74AS1805 Datasheet
70Kb / 4P
HEX 2-INPUT NOR DRIVER
More results

Similar Description - SN74AS1821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI-SN54ALS29821 Datasheet
89Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI-SN54AS821A Datasheet
92Kb / 6P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821 TI-SN54AS821 Datasheet
86Kb / 6P
10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74AC16823 TI1-74AC16823 Datasheet
187Kb / 9P
16-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11821 TI1-74ACT11821 Datasheet
124Kb / 7P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI1-SN54ABT821_15 Datasheet
587Kb / 15P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI1-SN54ALS29821_15 Datasheet
181Kb / 10P
10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com