Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74AS1821 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AS1821
Description  10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS1821 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AS1821 Datasheet HTML 1Page - Texas Instruments SN74AS1821 Datasheet HTML 2Page - Texas Instruments SN74AS1821 Datasheet HTML 3Page - Texas Instruments SN74AS1821 Datasheet HTML 4Page - Texas Instruments SN74AS1821 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UNIT
PARAMETER
Any Q
Any Q
Any Q
CLK
OC
OC
ns
ns
ns
SN74AS1821
10BIT BUS INTERFACE FLIPFLOPS WITH 3STATE OUTPUTS
SDAS131 − APRIL 1987
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
switching characteristics (see Note 1)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
FROM
TO
R1 = 500
Ω,
(INPUT)
(OUTPUT)
R2 = 500
Ω,
TA = MIN to MAX
MIN
MAX
tPLH
3.5
7.5
tPHL
3.5
10.5
tPZH
4
11
tPZL
4
2
tPHZ
2
8
tPLZ
2
8
NOTE 1: Load circuit and voltage waveforms are shown in Section 1 of the ALS/AS Logic Data Book, 1986.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com