Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWRA370 Datasheet(PDF) 5 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 5 Page - Texas Instruments

  SWRA370 Datasheet HTML 1Page - Texas Instruments SWRA370 Datasheet HTML 2Page - Texas Instruments SWRA370 Datasheet HTML 3Page - Texas Instruments SWRA370 Datasheet HTML 4Page - Texas Instruments SWRA370 Datasheet HTML 5Page - Texas Instruments SWRA370 Datasheet HTML 6Page - Texas Instruments SWRA370 Datasheet HTML 7Page - Texas Instruments SWRA370 Datasheet HTML 8Page - Texas Instruments SWRA370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.ti.com
Standards and System Requirements
2
Standards and System Requirements
2.1
Standards
The following standards serve as references for the tests described in this document. All electronic links
are current at the time of document publication.
•
Bluetooth® Low Energy RF PHY Standard
•
ZigBee® RF4CE Standard
•
Zigbee Standard
•
FCC, Section 47CFR15
– Part 15 Standard
•
ETSI EN 300 440 Standard
•
ETSI EN 300 220 Standard
•
IEEE 802.15.4 Standard
•
ARIB T-66 Standard
2.2
Test Equipment Suppliers
The different test equipment used to perform the various procedures described in this document can be
procured from the following suppliers. Obtaining some of this equipment may require going through an
agent. All electronic links are current at the time of document publication.
•
Rohde
& Schwarz
•
Agilent
•
Anritsu
•
Tektronix
•
Test Equity
•
National Instruments
2.3
Test System Requirements
Any characterization test system has some generic components and additional specialty engineering
customization. A typical test system generally consists of these components and subsystems:
•
Signal analyzers (spectrum analyzers): These tools are widely used to measure the frequency
response, noise, and distortion characteristics of all types of RF circuitry. These devices compare the
input and output spectra under a variety of conditions. A typical test system usually requires only one
signal analyzer.
•
Signal generators: These devices generate repeating or non-repeating electronic signals (in either the
analog or digital domain). A typical system should have at least two signal generators: one to generate
the primary signal, the second to generate an interference signal. The CC devices from TI can be used
as a signal source in some lab setups. However, the power resolution may not be as good as that
produced by a signal generator.
•
Temperature chamber: An enclosure used to test the effects of specified temperature conditions on a
series of test devices. A single temperature chamber should be sufficient for most test systems.
•
Connectors/cables/splitters: These components connect different signals using coaxial cable from
the test system to (and from) the device under test (DUT).
•
LabVIEW
™: LabVIEW, or Laboratory Virtual Instrumentation Engineering Workbench, is a software
platform and development environment for a visual programming language from National Instruments.
The graphical language is named G. Originally released for the Apple® Macintosh® in 1986, LabVIEW
is commonly used for data acquisition, instrument control, and industrial automation on a variety of
platforms including Microsoft® Windows®, various versions of Unix, Linux®, and Mac OS X. This
software is used as a platform to automate the entire test system.
•
SmartRF
™ Studio: SmartRF Studio (see Ref. 10) is a Windows-based application that can be used to
evaluate and configure low-power RF ICs from Texas Instruments. This tool helps RF system
designers to quickly and easily evaluate the respective devices at an early stage in the design process.
It is especially useful for generation of configuration register values, for practical testing of the RF
5
SWRA370
– August 2011
Basic RF Testing of CCxxxx Devices
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com