Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWRA370 Datasheet(PDF) 13 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 9Page - Texas Instruments SWRA370 Datasheet HTML 10Page - Texas Instruments SWRA370 Datasheet HTML 11Page - Texas Instruments SWRA370 Datasheet HTML 12Page - Texas Instruments SWRA370 Datasheet HTML 13Page - Texas Instruments SWRA370 Datasheet HTML 14Page - Texas Instruments SWRA370 Datasheet HTML 15Page - Texas Instruments SWRA370 Datasheet HTML 16Page - Texas Instruments SWRA370 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
100 kHz
-
20 dB or more
-
30 dBm or less
3.5 MHz
2450
2455
2460
2458.5
MHz
PC with SmartRF Studio installed
SmartRF Eval Board
and Eval Module
Spectrum Analyzer
www.ti.com
Transmission Tests
5.2
Power Spectral Density Mask
Purpose: To verify that the PSD of the DUT is able to conform to stated conformance limits.
Pass Condition: Refer to the respective standards document. Table 6 shows an example for the IEEE
802.15.4 standards requirements. Figure 4 illustrates the requirements.
Table 6. IEEE 802.15.4 Standards Requirements (Example)
Frequency
Relative Limit
Absolute Limit
|f
– f
C| > 3.5 MHz
–20 dB
–30 dBm
Figure 4. Power Spectral Density Mask Requirements
Test Environment: Figure 5 shows the test setup.
Figure 5. Power Spectral Density Mask Test Setup
Procedure:
Step 1.
Connect the instruments and test board as shown in Figure 5.
Step 2.
Set the EM to continuous TX mode through SmartRF Studio.
Step 3.
Verify that the PSD mask conforms to the given standard on the spectrum analyzer.
Table 7. Power Spectral Density Mask Test Results
Design Specification
PSD Relative Limit (%)
(%)
Pass/Fail?
Freq 1 (MHz)
Freq 2 (MHz)
Freq 3 (MHz)
xx
xx
Test Results:
13
SWRA370
– August 2011
Basic RF Testing of CCxxxx Devices
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com