Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWRA370 Datasheet(PDF) 12 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 8Page - Texas Instruments SWRA370 Datasheet HTML 9Page - Texas Instruments SWRA370 Datasheet HTML 10Page - Texas Instruments SWRA370 Datasheet HTML 11Page - Texas Instruments SWRA370 Datasheet HTML 12Page - Texas Instruments SWRA370 Datasheet HTML 13Page - Texas Instruments SWRA370 Datasheet HTML 14Page - Texas Instruments SWRA370 Datasheet HTML 15Page - Texas Instruments SWRA370 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
PC with SmartRF Studio installed
SmartRF Eval Board
and Eval Module
Spectrum Analyzer
Transmission Tests
www.ti.com
5
Transmission Tests
Refer to Table 4 for a summary of the various transmission tests.
Table 4. Transmission Test Summary
Section
No
Item
Result
5.1
Transmission Power
5.2
Power Spectral Density Mask
5.3
Error Vector Magnitude
5.4
Transmission Center Frequency Offset
5.5
Spurious Emissions on Transmission
5.1
Transmission Power
Purpose: To verify that the transmitted output power of the DUT conforms to the standards limit.
Pass Condition: See respective standards document for specifications and pass conditions.
Test Environment: Figure 3 illustrates the transmission power test setup.
Figure 3. Transmission Power Test Setup
Procedure:
Step 1.
Connect the instruments and test board as shown in Figure 3.
Step 2.
Set the EM to unmodulated, continuous TX mode with the appropriate output power level
through SmartRF Studio (see Ref. 10).
Step 3.
Measure the output power level on the spectrum analyzer to confirm the output power
programmed on the EM.
Table 5. Transmission Power Test Results
Design Specification
Output Power (dBm)
(dBm)
Pass/Fail?
Freq 1 (MHz)
Freq 2 (MHz)
Freq 3 (MHz)
xx
xx
Test Results:
12
Basic RF Testing of CCxxxx Devices
SWRA370
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com