Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90-110MT..K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 90-110MT..K
Description  Three Phase Bridge (Power Modules), 90/110 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90-110MT..K Datasheet(HTML) 5 Page - Vishay Siliconix

  90-110MT..K Datasheet HTML 1Page - Vishay Siliconix 90-110MT..K Datasheet HTML 2Page - Vishay Siliconix 90-110MT..K Datasheet HTML 3Page - Vishay Siliconix 90-110MT..K Datasheet HTML 4Page - Vishay Siliconix 90-110MT..K Datasheet HTML 5Page - Vishay Siliconix 90-110MT..K Datasheet HTML 6Page - Vishay Siliconix 90-110MT..K Datasheet HTML 7Page - Vishay Siliconix 90-110MT..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 94352
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
5
90-110MT.KPbF Series
Three Phase Bridge
(Power Modules), 90/110 A
Vishay High Power Products
Fig. 11 - Thermal Impedance ZthJC Characteristic
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
CIRCUIT CONFIGURATION
0.01
0.1
1
10
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
10
90MT..K Series
110MT..K Series
Per junction
Steady state value
R
thJC = 1.26 K/W
R
thJC = 1.07 K/W
(DC operation)
Device code
1
24
3
1
-
Current rating code: 9 = 90 A (average)
2
-
Three phase diodes bridge
3
-
Essential part number
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
5
-
PbF = Lead (Pb)-free
11
0
MT 160
K
PbF
5
11 = 110 A (average)
A
B
C
D
E
F
+
-
~
LINKS TO RELATED DOCUMENTS
Dimensions and pin out positions
http://www.vishay.com/doc?95004



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com