Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90-110MT..K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 90-110MT..K
Description  Three Phase Bridge (Power Modules), 90/110 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90-110MT..K Datasheet(HTML) 4 Page - Vishay Siliconix

  90-110MT..K Datasheet HTML 1Page - Vishay Siliconix 90-110MT..K Datasheet HTML 2Page - Vishay Siliconix 90-110MT..K Datasheet HTML 3Page - Vishay Siliconix 90-110MT..K Datasheet HTML 4Page - Vishay Siliconix 90-110MT..K Datasheet HTML 5Page - Vishay Siliconix 90-110MT..K Datasheet HTML 6Page - Vishay Siliconix 90-110MT..K Datasheet HTML 7Page - Vishay Siliconix 90-110MT..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94352
4
Revision: 29-Apr-08
90-110MT.KPbF Series
Vishay High Power Products
Three Phase Bridge
(Power Modules), 90/110 A
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
100
110
120
130
140
150
90
80
70
60
50
Total Output Current (A)
20
40
60
80
100
160
140
120
0
120°
(Rect)
110MT..K Series
+
-
~
1
100
10
1000
Instantaneous Forward Voltage (V)
12
3
45
0
T
J = 25 °C
T
J = 150 °C
110MT..K Series
Per junction
0
350
400
450
300
250
200
150
100
50
Total Output Current (A)
25
50
75
100
125
150
0
120°
(Rect)
110MT..K Series
T
J = 150 °C
0
350
400
450
300
250
200
150
100
50
Maximum Allowable Ambient
Temperature (°C)
25
50
75
100
150
125
0
R
th
SA =
0.05
K/W
- Δ
R
0.12
K/W
0.2
K/W
0.3 K/W
0.4
K/W
0.5
K/W
0.7 K/W
1.0 K/W
1.5 K/W
700
800
900
600
500
400
300
200
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
110MT..K Series
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
1
100
10
1000
Pulse Train Duration (s)
0.2
0.4
0.6
0.8
1.0
1.2
0
110MT..K Series
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
versus pulse train duration.
Maximum non-repetitive surge current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com