Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90-110MT..K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 90-110MT..K
Description  Three Phase Bridge (Power Modules), 90/110 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

90-110MT..K Datasheet(HTML) 1 Page - Vishay Siliconix

  90-110MT..K Datasheet HTML 1Page - Vishay Siliconix 90-110MT..K Datasheet HTML 2Page - Vishay Siliconix 90-110MT..K Datasheet HTML 3Page - Vishay Siliconix 90-110MT..K Datasheet HTML 4Page - Vishay Siliconix 90-110MT..K Datasheet HTML 5Page - Vishay Siliconix 90-110MT..K Datasheet HTML 6Page - Vishay Siliconix 90-110MT..K Datasheet HTML 7Page - Vishay Siliconix 90-110MT..K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94352
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
1
Three Phase Bridge
(Power Modules), 90/110 A
90-110MT.KPbF Series
Vishay High Power Products
FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Excellent power volume ratio, outline for easy connections
to power transistor and IGBT modules
• 4000 VRMS isolating voltage
• UL E78996 approved
• Totally lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
A range of extremely compact, encapsulated three phase
bridge rectifiers offering efficient and reliable operation. They
are intended for use in general purpose and heavy duty
applications.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO
90/110 A
MTK
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
90MT.K
110MT.K
UNITS
IO
90 (120)
110 (150)
A
TC
90 (61)
90 (57)
°C
IFSM
50 Hz
770
950
A
60 Hz
810
1000
I2t
50 Hz
3000
4500
A2s
60 Hz
2700
4100
I2
√t
30 000
45 000
A2
√s
VRRM
Range
800 to 1600
V
TStg
Range
- 40 to 150
°C
TJ
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = MAXIMUM
mA
90-110MT..K
80
800
900
10
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700


Similar Part No. - 90-110MT..K

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
90-11 COILCRAFT-90-11 Datasheet
111Kb / 2P
Axial Lead Chokes
More results

Similar Description - 90-110MT..K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
90MT80KPBF VISHAY-90MT80KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 90/110 A
29-Apr-08
113MT160KS90PBF VISHAY-113MT160KS90PBF Datasheet
188Kb / 9P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
13-Aug-08
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V01 Datasheet
213Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
VS-5MTKPBF VISHAY-VS-5MTKPBF Datasheet
228Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF Datasheet
226Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
28-Nov-2019
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
16-Feb-2022
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
VS-5.MT...KPBF VISHAY-VS-5.MT...KPBF_V01 Datasheet
233Kb / 10P
Three Phase Controlled Bridge (Power Modules), 55 A to 110 A
25-Nov-2022
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF_V02 Datasheet
212Kb / 8P
Three Phase Bridge (Power Modules), 90 A/110 A
17-Aug-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com