Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2000 Datasheet(PDF) 30 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 30 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 26Page - Sony Corporation CXA2000 Datasheet HTML 27Page - Sony Corporation CXA2000 Datasheet HTML 28Page - Sony Corporation CXA2000 Datasheet HTML 29Page - Sony Corporation CXA2000 Datasheet HTML 30Page - Sony Corporation CXA2000 Datasheet HTML 31Page - Sony Corporation CXA2000 Datasheet HTML 32Page - Sony Corporation CXA2000 Datasheet HTML 33Page - Sony Corporation CXA2000 Datasheet HTML 34Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
– 30 –
CXA2000Q
PIN-PHASE
(4)
: Horizontal trapezoidal distortion compensation amount adjustment (V parabola wave
center timing control)
0h = 1.5ms advance
Horizontal size for top of picture increases; horizontal size for
bottom of picture decreases.
7h = 0ms
8.9ms from 4VDC VTIM
Fh = 1.5ms delay
Horizontal size for top of picture decreases; horizontal size
for bottom of picture increases.
CORNER-PIN (4)
: Horizontal pin distortion compensation amount adjustment for top/bottom of picture
(V parabola wave top/bottom gain control)
0h = –0.2V
Horizontal size for top/bottom of picture decreases.
(compensation amount maximum)
7h = 0V
(0.7Vp-p 4:3 mode)
Fh = +0.2V
Horizontal size for top/bottom of picture increases.
(compensation amount minimum)
V-ASPECT
(6)
: Aspect ratio control. (Gain control for sawtooth wave)
0h = 75%
16:9 CRT full
2Fh = 100%
4:3 CRT full, amplitude: 1.23Vp-p
3Fh = 112%
ZOOM SW
(1)
: Zoom mode ON/OFF switch for 16:9 CRT (25% of video cut)
0 = Zoom OFF
Sawtooth wave amplitude: 1.23Vp-p
1 = Zoom ON
Sawtooth wave amplitude: 70%
HBLKSW
(1)
: HBLK width control ON/OFF switch during 4:3 software full display mode on a 16:9
CRT
0 = Control OFF
HBLK pulse generated from HPIN.
1 = Control ON
HBLK pulse generated as pulse generated from HPIN or as
pulse generated from HVCO and width adjusted.
Width adjustment is performed by the LEFT-BLK and
RIGHT-BLK registers.
V-SCROLL
(6)
: Vertical picture scroll control during zoom mode on a 16:9 CRT
(DC component added to sawtooth wave AGC output to control ZOOMSW cut
timing.)
0h = –0.2V
Scrolled toward top of screen by 32H and top of picture zoomed.
1Fh =
0V
3Fh = +0.2V
Scrolled toward bottom of screen by 32H and bottom of picture zoomed.
JUMPSW
(1)
: Reference pulse jump mode ON/OFF switch (In addition to V-ASPECT control, sawtooth
wave gain control performed for 100% of VBLK interval and 67% of picture interval)
0 = Jump mode OFF
1 = Jump mode ON
On a 4:3 CRT, jump mode expands the sawtooth wave amplitude to 112% with V-
ASPECT; on a 16:9 CRT, jump mode compresses the sawtooth wave amplitude to
75% with V-ASPECT. The V blanking width is expanded at both the top and bottom
of the picture. Blanking for the bottom of the picture starts 251H after VTIM, and
blanking for the top of the picture can be varied as the blanking width after the
reference pulse from the VBLKW register.
HSIZESW
(1)
: Lowers the E-W OUT DC level (during H-SIZE compression)
0 = Normal
1 = –1.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com