Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2000 Datasheet(PDF) 39 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 39 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 35Page - Sony Corporation CXA2000 Datasheet HTML 36Page - Sony Corporation CXA2000 Datasheet HTML 37Page - Sony Corporation CXA2000 Datasheet HTML 38Page - Sony Corporation CXA2000 Datasheet HTML 39Page - Sony Corporation CXA2000 Datasheet HTML 40Page - Sony Corporation CXA2000 Datasheet HTML 41Page - Sony Corporation CXA2000 Datasheet HTML 42Page - Sony Corporation CXA2000 Datasheet HTML 43Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
– 39 –
CXA2000Q
Mode Settings
1)-1
1)-2
2)
3)
4)
5)
6)
7)
8)
16:9
16:9
16:9
16:9
16:9
16:9
16:9
4:3
4:3
16:9
4:3
4:3
4:3
4:3
(16:9
+ subtitle
area)
4:3
4:3
4:3
16:9
16:9 CRT full
Wide full
16:9 CRT normal
16:9 CRT zoom
16:9 CRT with
subtitle area on
16:9 CRT V
compression
16:9 CRT wide
zoom
4:3 CRT normal
4:3 CRT V
compression
V-ASPECT = 0h: V size 75%
V-ASPECT = 0h: V size 75%
V-ASPECT = 0h: V size 75%
HBLKSW
= 1h: HBLK width adjustment ON
LEFT-BLK
= Adjustable
RIGHT-BLK = Adjustable
PIN-COMP = Adjustable
(External support: H-DY H amplitude 75%)
V-ASPECT = 2Fh: V size 100%
ZOOMSW
= 1h: Zoom ON
V size limited at 75%
V-SCROLL = 0h: Zoom bottom of video image
1Fh: Zoom center of video image
3Fh: Zoom top of video image
Adjustable: Open to user
V-ASPECT = 2Fh: V size 100%
UP-VLIN
= Adjustable: Slightly compresses top of
video image
LO-VLIN
= Adjustable: Significantly compresses
bottom of video image
ZOOMSW
1h: V size limited at 75%
(V-SCROLL = Adjustable)
V-ASPECT = 0h: V size 75%
JMPSW
= 1h: Reference pulse skipping ON
V size compressed 67% after the reference pulse
(compressed to 50% total)
VBLKW
= Adjustable: VBLK width expanded at
top and bottom of video image
V-ASPECT = Adjustable: V size 90%
UP-VLIN
= Adjustable:
LO-VLIN
= Adjustable:
(S-CORR = Adjustable):
V-ASPECT = 2Fh: V size 100%
V-ASPECT = 3Fh: V size 112%
JMPSW
= 1h: Reference pulse skipping ON
(compressed to 75% total)
VBLKW
= Adjustable: VBLK width expanded at
top and bottom of video image
Setting CRT SIZE SOFT SIZE
MODE NAME
I2C BUS REGISTER
∗ The amount of picture distortion compensation in a vertical direction position of the CRT does not change in
response to the above modes; as a result, the initial values of each picture distortion register can be used as
is.
Compression of top and
bottom of video image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com