Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2000 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2000
Description  Y/C/RGB/D for PAL/NTSC Color TVs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2000 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2000 Datasheet HTML 2Page - Sony Corporation CXA2000 Datasheet HTML 3Page - Sony Corporation CXA2000 Datasheet HTML 4Page - Sony Corporation CXA2000 Datasheet HTML 5Page - Sony Corporation CXA2000 Datasheet HTML 6Page - Sony Corporation CXA2000 Datasheet HTML 7Page - Sony Corporation CXA2000 Datasheet HTML 8Page - Sony Corporation CXA2000 Datasheet HTML 9Page - Sony Corporation CXA2000 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
– 6 –
CXA2000Q
Power supply for RGB block.
17
18
19
R2IN
G2IN
B2IN
Analog/digital (dual-purpose) RGB signal
inputs.
The input signals are input via capacitors.
When using analog input, input a 0.7Vp-p
signal (no sync, 100 IRE); when using
digital input, input a signal of at least
1.5Vp-p (Vth = 1.2V).
The display level is 67 IRE. When using
digital input, digital input is selected
regardless of the YS setting.
In addition, the VM output is turned off.
These pins are clamped to 5.7V at the
burst timing of the signal input to the
sync input pin (Pin 47).
30k
200
19
17
18
100µA
21
23
25
RSH
GSH
BSH
Sample-and-hold for R, G and B AKB.
Connect to GND via a capacitor.
When not using AKB (manual CUTOFF
mode), R, G and B cut-off voltage can be
controlled by applying a control voltage to
each pin. The control voltage is 4.5 ± 1V.
200
21
23
25
22
24
26
ROUT
GOUT
BOUT
R, G and B signal outputs.
2.5Vp-p is output during 100% white
input.
1.1mA
200
12k
22
24
26
27
IKIN
Input the signal converted from the CRT
beam current (cathode current Ik) to a
voltage via a capacitor. The V blanking
part is clamped to 2.7V at the V retrace
timing.
The input for this pin is the reference
pulse return, and the loop operates so
that the Rch is 1Vp-p and the G and Bch
are 0.81Vp-p. The G and Bch can be
varied by ±0.5V by the bus CUTOFF
control. When not using AKB, this pin
should be open.
1k
27
50µA
20
SVCC2
Pin
No.
Symbol
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com