Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2002 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXA2002
Description  2-channel Recording/Playback Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2002 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXA2002 Datasheet HTML 9Page - Sony Corporation CXA2002 Datasheet HTML 10Page - Sony Corporation CXA2002 Datasheet HTML 11Page - Sony Corporation CXA2002 Datasheet HTML 12Page - Sony Corporation CXA2002 Datasheet HTML 13Page - Sony Corporation CXA2002 Datasheet HTML 14Page - Sony Corporation CXA2002 Datasheet HTML 15Page - Sony Corporation CXA2002 Datasheet HTML 16Page - Sony Corporation CXA2002 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CXA2002R
– 13 –
Pin
No.
47
PCMREC
—
PCM recording switchover pin.
PCM recording is performed
when this pin goes high.
High: 2.3V or above
Low: 0.6V or below
48
ATFIN
2.45
Recording ATF input pin.
Input after cutting DC
component with C.
Input level: 125mVp-p (typ.)
Symbol
Pin
voltage
Equivalent circuit
Description
143
35µ
35µ
35µ
1.5V
47
143
70µ
50k
2.45V
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com