Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2002 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXA2002
Description  2-channel Recording/Playback Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2002 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXA2002 Datasheet HTML 17Page - Sony Corporation CXA2002 Datasheet HTML 18Page - Sony Corporation CXA2002 Datasheet HTML 19Page - Sony Corporation CXA2002 Datasheet HTML 20Page - Sony Corporation CXA2002 Datasheet HTML 21Page - Sony Corporation CXA2002 Datasheet HTML 22Page - Sony Corporation CXA2002 Datasheet HTML 23Page - Sony Corporation CXA2002 Datasheet HTML 24Page - Sony Corporation CXA2002 Datasheet HTML 25Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
CXA2002R
– 21 –
Description of Operation
<Mix amplifier + recording level adjustment>
Y, chroma, AFM, ATF and PCM signals are input at specified levels so that they are mixed internally to achive
an appropriate current value at the head. The VIDEO path signal (Y + chroma + AFM + ATF) is output to Pin
41 (RECVIDEO) and the PCM path signal (PCM + ATF) to Pin 38 (RECPCM). The Y level is EVR-adjusted at
Pin 8 (YLEVEL) and the low band (chroma, AFM, ATF) level at Pin 5 (LOWLEVEL). The low-band levels of the
video path and the PCM path are interlocked in adjustment.
<SW + recording amplifier>
The VIDEO path signal and the PCM path signal, which underwent recording level adjustment, are switched at
a correct timing, then converted to a current to drive the head.
A feedback dumping circuit is incorporated to inhibit head resonance, and the peaking can be adjusted by EVR
at Pin 26 (REC1CONT), Pin 35 (REC2CONT).
During recording, the output capacitance is about 12pF including that of the head amplifier.
<Head amplifier>
The playback signal from the head is amplified with low noise and high gain. A feedback dumping circuit is
incorporated to inhibit head resonance, and the peaking can be adjusted by external resistors connected to Pin
30 (PBDUMP1), Pin 31 (PBDUMP2).
During playback, the input capacitance is about 20pF including that of the recording amplifier.
<SW + middle tune>
This section switches the playback signals of CH1
and CH2 at the correct timing and outputs the
playback VIDEO signal to Pin 14 (MTOUT) and
the playback PCM signal to Pin 16 (PCMOUT). In
the PCM after-recording mode, both playback
VIDEO signal and playback PCM signal are muted
during the PCM recording period.
The middle tune circuit corrects the frequency
response of the playback VIDEO signal.
The center frequency can be adjusted by EVR at
Pin 17 (MTF0), Q at Pin 24 (MTQ) and the boost
at Pin 15 (MTG).
The figure to the right shows the center condition
that sets f0 = 8MHz, Q = 2.5 and the boost = 6dB.
Each control characteristics shown in "Example of
Representative Characteristics" is obtained when
two of them are fixed to the center condition.
<RFAGC>
This circuit inputs the playback Y signal separated from the playback VIDEO signal using an external circuit
and outputs it at a constant level of 410mVp-p. In the PCM after-recording mode, RFAGC gain is kept
unchanged during PCM recording period.
<Dropout detection>
A dropout is detected in the playback Y signal, and a dropout pulse is output. The detection level is optimized
using 224mVp-p input as a reference. If necessary, the detection level can be adjusted by inputting a DC
voltage to Pin 11 (DOCDET). To make this adjustment, input a voltahe proportional to the output voltage of Pin
39 (VREG).
Boost amount
= 6dB
3dB
f1
f2
Center frequency f0 = 8MHz
Q = f0 / (f2 – f1) = 2.5
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com